전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • CTJC1008-R012J

  • AI
    The **CTJC1008-R012J** is a high-frequency, surface-mount (SMD) wire-wound chip inductor. This specific part number follows the standard nomenclature for the **CTJC series**, typically used in RF (Radio Frequency) and high-speed communication circuits. --- ### 1. Part Number Breakdown Understanding the alphanumeric code helps identify the component's specifications: | Segment | Value | Description | | :--- | :--- | :--- | | **CTJC** | Series | Wire-wound chip inductor (High Q factor) | | **1008** | Case Size | EIA 1008 (Metric 2520): Approx. 2.5mm x 2.0mm | | **R012** | Inductance | **0.012 µH** (or 12 nH) | | **J** | Tolerance | **±5%** | --- ### 2. Technical Specifications While exact values can vary slightly by manufacturer (such as Central Technologies), typical parameters for a 1008-size 12nH inductor include: * **Inductance:** 12 nH @ 250 MHz. * **Quality Factor (Q):** Typically high (Min. 30-50), allowing for sharp frequency selection. * **Self-Resonant Frequency (SRF):** Very high (usually > 3000 MHz), ensuring stability at high frequencies. * **Rated DC Current (Idc):** Generally between 600mA and 1000mA. * **DC Resistance (DCR):** Low (typically < 0.15 Ω) to minimize power loss. * **Operating Temperature:** -40°C to +125°C. --- ### 3. Key Electronic Characteristics #### High Q Factor The "Wire-wound" construction provides a significantly higher Q factor than multilayer inductors. This makes it ideal for **RF tuning** and **impedance matching** where signal integrity is critical. #### Wire-Wound Construction This part consists of a copper wire wound around a ceramic core. The ceramic core provides excellent thermal stability and a high self-resonant frequency, which is vital for applications operating in the GHz range. #### Applications * **RF Transceivers:** Used in filters and matching networks for Wi-Fi, Bluetooth, and Cellular modules. * **High-Speed Data:** Filtering noise in high-frequency communication lines. * **Mobile Devices:** Power decoupling in compact circuitry. --- ### 4. Schematic Representation In a circuit diagram, this part is represented by an inductor symbol with its value and tolerance: ```text L1 ---(uuuuu)--- 12nH, 5% (1008) ```
    ✨ Follow-up Questions
    • ⤷ What are the main differences between ceramic-core and ferrite-core 1008 inductors?
    • ⤷ How does the 'Q factor' impact the performance of this inductor in a filter circuit?
    • ⤷ What are the recommended soldering profiles for this SMD component?