전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • CTJC1008-R12J

  • AI
    ## Technical Overview of CTJC1008-R12J The **CTJC1008-R12J** is a high-frequency, surface-mount (SMD) wire-wound chip inductor. It is designed primarily for use in RF (Radio Frequency) circuits where high stability and high Q-factors are required. ### 1. Part Number Breakdown Understanding the nomenclature helps identify the component's characteristics: | Code Segment | Meaning | Specification | | :--- | :--- | :--- | | **CTJC** | Series Name | Wire-wound Ceramic Core Chip Inductor | | **1008** | Case Size | 1008 (EIA) / 2520 (Metric): 2.5 x 2.0 mm | | **R12** | Inductance Value | R12 = 0.12 µH (120 nH) | | **J** | Tolerance | ±5% | --- ### 2. Key Technical Specifications These parts are typically characterized by their performance in high-frequency environments. * **Inductance:** 120 nH (Nanohenries). * **Tolerance:** ±5% (Standard for precision RF tuning). * **Core Material:** Ceramic (Non-magnetic), providing excellent thermal stability and high SRF. * **Quality Factor (Q):** Typically high (Min 25-40 depending on test frequency), ensuring low signal loss. * **Self-Resonant Frequency (SRF):** Very high (usually >1000 MHz), allowing use in GHz applications. * **Rated Current:** Usually ranges between 400mA to 650mA (Specific to manufacturer heat-rise limits). * **DC Resistance (DCR):** Max ~0.50 Ω to 0.70 Ω. --- ### 3. Applications and Usage The CTJC1008-R12J is found in circuitry where signal integrity at high frequencies is paramount: 1. **RF Matching Networks:** Used to match impedance between antennas and transceivers. 2. **Filter Circuits:** Employed in Low Pass (LPF) or Band Pass (BPF) filters for wireless communication. 3. **Oscillators:** Provides stable inductance for VCOs (Voltage Controlled Oscillators). 4. **Mobile Communication:** Integrated into cellular, Wi-Fi, and Bluetooth modules. --- ### 4. Physical Characteristics * **Package:** 1008 SMD (Surface Mount Device). * **Construction:** Wire wound around a ceramic body with gold-plated or tin-plated terminals for high conductivity and solderability. * **Environmental:** Usually RoHS compliant and Lead-Free. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a ceramic core and a ferrite core inductor in 1008 packages?
    • ⤷ How does the SRF (Self-Resonant Frequency) affect the performance of this 120nH inductor?
    • ⤷ What are the recommended soldering profiles for 1008-sized wire-wound inductors?