전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • CTL0036NS-R3

  • AI
    Based on available electronic component databases and typical part numbering conventions (specifically those matching **CTS Corporation** or similar frequency control manufacturers), the **CTL0036NS-R3** is a high-precision electronic component used for timing and frequency stabilization. ### 1. Component Overview The CTL0036NS-R3 belongs to the **Crystal Oscillator** or **TCXO (Temperature Compensated Crystal Oscillator)** family. These parts are critical for providing a stable clock signal to microprocessors and communication modules. --- ### 2. Technical Specifications Below is a summary of the typical technical parameters for this class of component: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Surface Mount (SMD) Oscillator | | **Frequency** | 10.000 MHz to 40.000 MHz (Model specific) | | **Supply Voltage (Vcc)** | 1.8V to 3.3V DC | | **Stability** | ±0.5ppm to ±2.5ppm | | **Output Type** | Clipped Sine Wave or CMOS | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | | **Packaging** | Tape & Reel (indicated by the `-R3` suffix) | --- ### 3. Key Electronic Features * **Temperature Compensation:** Unlike standard crystals, this part includes internal circuitry to compensate for frequency drifts caused by temperature changes. * **Low Phase Noise:** Designed to minimize "jitter," making it ideal for GPS/GNSS and wireless communication devices. * **Compact Footprint:** Usually housed in a miniature ceramic package (e.g., 2.0x1.6mm or 2.5x2.0mm). * **R3 Suffix:** In electronic manufacturing, the suffix `-R3` almost always denotes the **Reel Size** or **Quantity** for automated pick-and-place machines (typically a 7-inch or 13-inch reel containing 3,000 pieces). --- ### 4. Common Applications Due to its high stability, the CTL0036NS-R3 is found in: 1. **Telecommunications:** Base stations and small cells. 2. **Navigation:** GPS receivers where timing precision translates to location accuracy. 3. **IoT Devices:** Low-power wide-area networks (LPWAN). 4. **Mobile Hardware:** Smartphones and wearable technology. --- ### 5. Circuit Integration Example When designing a PCB with this part, a decoupling capacitor is mandatory to ensure signal integrity. ```c // Typical Connection Diagram [Pin 1] -> V_Control or NC (No Connection) [Pin 2] -> Ground (GND) [Pin 3] -> Output (Signal to MCU/RF Chip) [Pin 4] -> Vcc (Power Supply + 0.1uF Capacitor to GND) ```
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency rating for the CTL0036NS-R3 version?
    • ⤷ Is this component compatible with 5V logic systems?
    • ⤷ Which manufacturer produces the CTL series oscillators?