CTLC0603F-R10J
AI

## Technical Overview: CTLC0603F-R10J
The **CTLC0603F-R10J** is a surface-mount (SMD) wire-wound chip inductor. It is commonly used in high-frequency circuits for signal filtering and impedance matching.
---
### 1. Part Number Breakdown
Understanding the nomenclature helps identify the specific characteristics of the component:
| Segment | Meaning | Detail |
| :--- | :--- | :--- |
| **CTLC** | Series | Wire-wound Chip Inductor Series |
| **0603** | Case Size | 0.6 x 0.3 inches (1608 Metric) |
| **F** | Lead-Free | RoHS Compliant / Lead-Free construction |
| **R10** | Inductance | **0.10 µH** (100 nH) |
| **J** | Tolerance | **±5%** |
---
### 2. Key Electrical Specifications
Below are the typical electrical parameters for this specific 0.10 µH inductor:
| Parameter | Value | Unit |
| :--- | :--- | :--- |
| **Inductance** | 0.10 (100) | µH (nH) |
| **Tolerance** | ±5 | % |
| **Quality Factor (Q) Min** | 25 - 30 | (at test frequency) |
| **Self-Resonant Frequency (SRF)** | ~700 - 1000 | MHz |
| **DC Resistance (DCR) Max** | 0.50 - 0.70 | Ω |
| **Rated Current (I-dc)** | 300 - 450 | mA |
---
### 3. Physical Characteristics
* **Construction:** Ceramic core with a precision wire winding. This design provides higher Q factors and better current handling compared to multilayer inductors.
* **Termination:** Usually features gold or tin-plated terminals for reliable soldering.
* **Dimensions:**
* Length: 1.6 mm
* Width: 0.8 mm
* Height: 0.8 mm (approximate)
---
### 4. Common Applications
Due to its high frequency of operation and precision, this part is found in:
* **RF Modules:** Bluetooth, Wi-Fi, and cellular transceivers.
* **Impedance Matching:** Tuning circuits to ensure maximum power transfer between stages.
* **Filtering:** Low-pass or band-pass filters to remove high-frequency noise.
* **Oscillators:** Serving as the inductive element in LC resonance tanks.
---
### 5. Design Considerations
* **Self-Resonant Frequency (SRF):** Ensure the operating frequency of your circuit is well below the SRF. Near the SRF, the inductor behaves like a capacitor.
* **Current Derating:** If operating in high-temperature environments, the maximum allowable current (I-dc) should be derated to prevent thermal damage.
* **Magnetic Interference:** Because it is a wire-wound component, it may emit or be susceptible to electromagnetic interference (EMI) if placed too close to sensitive traces.
- ⤷What is the difference between a ceramic core and a ferrite core inductor?
- ⤷ How does the Q factor affect the performance of an RF filter?
- ⤷ Can this inductor be used in power supply switching circuits?