전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • CTLL2012-R33J

  • AI
    The **CTLL2012-R33J** is a specific surface-mount (SMD) inductor, typically categorized as a **Wire-Wound Chip Inductor**. It is widely used in high-frequency circuits, telecommunications, and RF modules. Below is a detailed breakdown of its technical specifications and electronic properties. --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify the physical and electrical constraints of the part: | Segment | Meaning | Details | | :--- | :--- | :--- | | **CTLL** | Series Code | Low-profile wire-wound chip inductor series. | | **2012** | Package Size | Metric 2012 (Imperial 0805) dimensions. | | **R33** | Inductance Value | **0.33 µH** (330 nH). | | **J** | Tolerance | **±5%** (Standard precision). | --- ### 2. Key Electrical Specifications Based on the standard datasheet for the CTLL2012 series, the **R33J** variant typically features the following parameters: | Parameter | Value (Typical) | | :--- | :--- | | **Inductance** | 0.33 µH | | **Tolerance** | ±5% | | **Quality Factor (Q min)** | 45 (at 100 MHz) | | **Self-Resonant Frequency (SRF)** | ~600 MHz | | **DC Resistance (DCR max)** | 0.55 Ω | | **Rated Current (Idc)** | 400 - 450 mA | --- ### 3. Physical Dimensions (0805 Case) The "2012" designation refers to the length and width of the component in millimeters: * **Length (L):** 2.0 mm * **Width (W):** 1.25 mm * **Height (H):** 1.25 mm --- ### 4. Technical Features & Applications This component is designed for performance in sensitive electronic environments: #### Features * **Wire-Wound Construction:** Provides a higher Q-factor and higher current handling compared to multilayer ceramic inductors. * **Ceramic Core:** Ensures excellent thermal stability and high SRF (Self-Resonant Frequency). * **Small Footprint:** The 0805 size is ideal for high-density PCB layouts. #### Common Applications 1. **RF Circuits:** Impedance matching and resonance in wireless transceivers (Bluetooth, Wi-Fi). 2. **Filtering:** Used in LC filters to suppress high-frequency noise. 3. **Signal Conditioning:** Decoupling and signal isolation in telecommunications equipment. --- ### 5. Identification Schematic To identify this part on a circuit board, look for a small rectangular component with a ceramic body and visible fine copper windings (sometimes coated with a protective resin). ```markdown [ Terminal ] --- [ Wire Windings ] --- [ Terminal ] | (Inductor) | +-----------------------------------------+ ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a wire-wound and a multilayer inductor?
    • ⤷ Can I substitute a 10% tolerance (K) inductor for this 5% (J) part?
    • ⤷ How does the Self-Resonant Frequency (SRF) affect circuit performance?