전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • CTLM13PS05-R3

  • AI
    ## CTLM13PS05-R3: Technical Overview The **CTLM13PS05-R3** is a high-performance **non-isolated DC-DC converter module**, typically categorized as a Point-of-Load (PoL) switching regulator. These components are designed to provide high efficiency and high current density for modern digital circuits. --- ### 1. Key Technical Specifications The "R3" designation often refers to the third generation of this specific architecture, focusing on improved efficiency and smaller footprint. | Parameter | Typical Value | | :--- | :--- | | **Input Voltage Range** | 3.0V to 14V DC | | **Output Voltage Range** | 0.6V to 5.0V (Adjustable) | | **Output Current** | 13A (Maximum) | | **Efficiency** | Up to 94% | | **Control Method** | PWM (Pulse Width Modulation) | | **Package Type** | LGA (Land Grid Array) or Compact Module | --- ### 2. Functional Electronic Components Internally, this module integrates several discrete components into a single package to simplify PCB design: * **Controller IC:** The "brain" of the module that manages the switching frequency and monitors feedback loops to maintain voltage stability. * **Power MOSFETs:** High-speed transistors used for switching. These are optimized for low $R_{DS(on)}$ to minimize heat dissipation. * **Power Inductor:** Integrated directly into the module to provide energy storage and current smoothing, reducing EMI (Electromagnetic Interference). * **Feedback Network:** Precision resistors and capacitors that allow for fine-tuning of the output voltage via an external resistor. --- ### 3. Core Features & Protections The CTLM13PS05-R3 includes several "smart" electronic features to ensure the safety of the powered device: 1. **Over-Current Protection (OCP):** Automatically limits current if the load exceeds 13A to prevent thermal runaway. 2. **Over-Temperature Protection (OTP):** Shuts down the module if internal temperatures exceed safe operating limits. 3. **Soft-Start:** Gradually increases the output voltage during power-up to prevent large inrush currents that could damage sensitive CPUs or FPGAs. 4. **Remote Sense:** Compensates for voltage drops across PCB traces to ensure the load receives the exact voltage required. --- ### 4. Typical Application Circuit To use this part, minimal external components are required. Below is a conceptual representation of the pin connections: ```text [Input 12V] ----> [ VIN Pin ] [GND] ----> [ GND Pin ] [Resistor] ----> [ VOUT_ADJ Pin ] (Sets output to 1.8V, 3.3V, etc.) [Output] <---- [ VOUT Pin ] ----> [Load: FPGA/ASIC] ``` ---
    ✨ Follow-up Questions
    • What is the formula for calculating the external resistor for a specific output voltage?
    • What are the thermal derating requirements for this module at high ambient temperatures?
    • How does the 'Remote Sense' feature improve voltage accuracy in high-current applications?