전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • CTM1F-R33J

  • AI
    The **CTM1F-R33J** is a specific electronic component belonging to the **Molded Inductor** family. It is commonly used in power management and signal filtering circuits. Below is a detailed breakdown of its electronic characteristics and technical specifications. ### 1. Component Identification The part number can be decoded based on standard industry naming conventions for inductors: | Segment | Meaning | Detail | | :--- | :--- | :--- | | **CTM1F** | Series/Body Style | Molded Unshielded/Shielded Axial Inductor | | **R33** | Inductance Value | 0.33 microhenries ($\mu H$) | | **J** | Tolerance | $\pm 5\%$ | --- ### 2. Technical Specifications While exact parameters can vary slightly by manufacturer (such as Central Technologies), the standard specifications for a 0.33$\mu H$ molded inductor are as follows: | Parameter | Value | Unit | | :--- | :--- | :--- | | **Inductance** | 0.33 | $\mu H$ | | **Tolerance** | $\pm 5$ | % | | **DC Resistance (DCR) Max** | ~0.10 - 0.20 | $\Omega$ | | **Rated Current (Max)** | ~800 - 1200 | $mA$ | | **Self-Resonant Frequency (SRF)** | > 250 | $MHz$ | | **Quality Factor (Q Min)** | ~35 - 45 | at specified freq | --- ### 3. Key Electronic Features * **Molded Construction:** The coil is encapsulated in a flame-retardant epoxy resin. This provides excellent moisture resistance and mechanical strength, making it suitable for harsh environments. * **Axial Leads:** This is a "through-hole" component with leads exiting from both ends (like a resistor), making it easy to mount on traditional PCBs. * **Non-Shielded / Shielded Design:** Depending on the specific "CTM" sub-series, it may offer magnetic shielding to prevent Electromagnetic Interference (EMI) with neighboring components. * **Color Coding:** Often marked with four color bands representing the inductance value and tolerance, similar to resistors. --- ### 4. Common Applications Due to its low inductance ($0.33\mu H$) and high resonant frequency, the CTM1F-R33J is typically used for: 1. **RF Coupling/Decoupling:** Blocking high-frequency noise in radio frequency circuits. 2. **Signal Filtering:** Removing ripples in low-voltage power lines. 3. **Local Oscillators:** Used in tuning circuits where precise, low inductance is required. 4. **Telecommunications:** Used in modems and network interfaces for signal integrity. --- ### 5. Circuit Symbol In a schematic, this component is represented by the standard inductor symbol: ```text L1 ---(uuuuu)--- 0.33uH ```
    ✨ Follow-up Questions
    • ⤷ What are the physical dimensions of the CTM1F series?
    • ⤷ How does a 5% tolerance (J) compare to other common inductor tolerances?
    • ⤷ Can this inductor be used in high-temperature automotive applications?