전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • CTM1F-R39J

  • AI
    The **CTM1F-R39J** is a specific electronic component belonging to the family of **Molded Chip Inductors**. It is primarily used for filtering, tuning, and energy storage in high-frequency circuits. ### 1. Part Number Breakdown Understanding the nomenclature helps identify the component's specifications: | Segment | Meaning | Detail | | :--- | :--- | :--- | | **CTM1F** | Series/Series Code | Molded ferrite chip inductor (1210 package size) | | **R39** | Inductance Value | R denotes decimal; 0.39 Microhenries ($\mu H$) | | **J** | Tolerance | $\pm 5\%$ | --- ### 2. Technical Specifications Below are the typical electrical and physical characteristics of the CTM1F-R39J: | Parameter | Value | | :--- | :--- | | **Inductance** | 0.39 $\mu H$ | | **Tolerance** | $\pm 5\%$ | | **Package Size** | 1210 (EIA) / 3225 (Metric) | | **Quality Factor (Q min)** | 30 | | **Self-Resonant Frequency (SRF)** | ~250 MHz | | **DC Resistance (DCR Max)** | ~0.45 $\Omega$ | | **Rated Current (Idc)** | ~450 mA | | **Core Material** | Ferrite | --- ### 3. Key Features & Construction * **Molded Construction:** The inductor is encapsulated in a hard plastic resin. This provides superior mechanical strength and protection against environmental factors like moisture and vibration. * **Surface Mount Device (SMD):** Designed for automated pick-and-place assembly on Printed Circuit Boards (PCBs). * **Magnetic Shielding:** While not fully shielded like some power inductors, the molded ferrite design helps concentrate the magnetic field and reduce EMI (Electromagnetic Interference). --- ### 4. Common Applications Due to its low inductance and high resonant frequency, it is typically found in: 1. **RF Circuits:** Used for impedance matching and signal filtering in communication devices. 2. **Decoupling:** Filtering out high-frequency noise from power supply lines to sensitive ICs. 3. **Consumer Electronics:** Found in mobile phones, pagers, and GPS units. ---
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternatives for the CTM1F-R39J from other manufacturers like Murata or TDK?
    • ⤷ How does the 'J' tolerance affect circuit performance compared to a 'K' tolerance?
    • ⤷ What are the soldering temperature profiles recommended for this molded package?