전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • CTMC1008-R10M

  • AI
    ## Analysis of CTMC1008-R10M The **CTMC1008-R10M** is a Surface Mount Device (SMD) power inductor commonly used in compact electronic circuits for signal filtering and energy storage. It belongs to the **1008** chip size category (referring to its physical dimensions in inches). ### 1. Technical Specifications The following table outlines the primary electrical and physical characteristics of this component: | Parameter | Value / Description | | :--- | :--- | | **Inductance** | 0.10 µH (100 nH) | | **Tolerance** | ±20% (indicated by 'M') | | **Case Code (Inch)** | 1008 | | **Case Code (Metric)** | 2520 | | **Material** | Wire-wound Ceramic or Ferrite core | | **Termination** | Lead-free (RoHS Compliant) | --- ### 2. Component Breakdown To understand the part number **CTMC1008-R10M**, we can break it down as follows: * **CTMC**: Series prefix (typically Wire-wound Molded Chip Inductor). * **1008**: Physical dimensions (0.10 inches long by 0.08 inches wide). * **R10**: Inductance value. The "R" acts as a decimal point, representing **0.10 µH**. * **M**: Tolerance code. "M" signifies a **±20%** deviation from the nominal inductance value. --- ### 3. Key Electronic Functions The CTMC1008-R10M performs several critical roles within a circuit: 1. **High-Frequency Filtering**: Due to its low inductance (100nH), it is highly effective at filtering out high-frequency noise in RF (Radio Frequency) circuits. 2. **Impedance Matching**: Used in communication devices to match the impedance between different stages of an amplifier or antenna system. 3. **DC/DC Conversion**: Acts as an energy storage element in miniature power supply modules, though its small size limits it to lower current applications compared to larger power inductors. 4. **Signal Decoupling**: Prevents unwanted AC signals from interfering with DC power lines. --- ### 4. Typical Applications * **Mobile Devices**: Smartphones, tablets, and wearables. * **Wireless Communication**: Wi-Fi modules, Bluetooth headsets, and GPS receivers. * **Computing**: Hard disk drives and high-speed peripheral interfaces. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum current rating (Irms) for the CTMC1008-R10M?
    • ⤷ How does a ceramic core differ from a ferrite core in 1008 inductors?
    • ⤷ What are the recommended soldering profiles for this SMD component?