전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • CTMC1008F-R010J

  • AI
    The **CTMC1008F-R010J** is a high-frequency, surface-mount (SMD) wire-wound chip inductor. It is commonly used in RF (Radio Frequency) circuits for filtering, impedance matching, and decoupling. --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify its specific electronic characteristics: | Code Segment | Meaning | Description | | :--- | :--- | :--- | | **CTMC** | Series | Molded Chip Inductor (Wire-wound) | | **1008** | Case Size | 0.10 x 0.08 inches (approx. 2.5 x 2.0 mm) | | **F** | Material | Ferrite or Ceramic Core (typically Ferrite for this series) | | **R010** | Inductance | **0.010 µH** (or 10 nH) | | **J** | Tolerance | **±5%** | --- ### 2. Key Technical Specifications Based on standard datasheets for the 1008 series, the "R010" part typically exhibits the following electrical behavior: | Parameter | Value (Typical) | | :--- | :--- | | **Inductance** | 0.010 µH (10 nH) | | **Tolerance** | ±5% | | **Quality Factor (Q min)** | 15 - 30 (at 100 MHz) | | **Self-Resonant Frequency (SRF)** | > 2500 MHz | | **DC Resistance (DCR max)** | 0.13 Ω | | **Rated Current (Idc)** | 530 mA | | **Operating Temperature** | -40°C to +125°C | --- ### 3. Electronic Characteristics & Applications #### High-Frequency Performance Because of its small inductance value (10 nH), this part is designed to operate at very high frequencies. The **Self-Resonant Frequency (SRF)** is high, meaning it maintains its inductive properties well into the Gigahertz range before parasitic capacitance takes over. #### Physical Construction * **Wire-Wound:** Uses a copper wire coiled around a core. This provides lower DC resistance and higher current handling compared to multilayer chip inductors. * **Molded Body:** The "CTMC" prefix often indicates a molded resin body which provides excellent physical protection and improves solderability/pick-and-place reliability. #### Common Uses 1. **RF Matching Networks:** Used in cellular, Wi-Fi, and Bluetooth modules to match antenna impedance. 2. **High-Speed Signal Filtering:** Suppressing high-frequency noise in communication lines. 3. **Local Oscillators:** Integrated into tuning circuits. --- ### 4. Comparison with Alternatives ```python # Comparison of 1008 Inductor types parts = { "CTMC1008F": "Standard Ferrite Core (Higher Inductance/Current)", "CTCC1008": "Ceramic Core (Higher Q Factor, Lower Inductance)", "Multilayer": "Smaller profile, but lower current and higher DCR" } ```
    ✨ Follow-up Questions
    • ⤷What is the difference between a ceramic core and a ferrite core in the 1008 package?
    • ⤷ How does the SRF (Self-Resonant Frequency) impact my circuit design?
    • ⤷ Can this inductor be used for power supply decoupling?