전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • CTMC1008F-R012K

  • AI
    ### Overview of CTMC1008F-R012K The **CTMC1008F-R012K** is a high-frequency, surface-mount (SMD) **Wire-wound Chip Inductor**. It is designed specifically for applications requiring high stability and precision in compact electronic circuits. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Inductance** | 0.012 µH (12 nH) | | **Tolerance** | ±10% (K) | | **Case Size** | 1008 (2520 Metric) | | **DC Resistance (DCR)** | Max 0.13 Ω | | **Rated Current** | 700 mA (Max) | | **Self-Resonant Frequency (SRF)** | 4000 MHz (Min) | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Breakdown of the Part Number The alphanumeric code follows a standard industry naming convention: * **CTMC**: Series prefix (Molded Chip Inductor). * **1008**: Physical dimensions (1.0 x 0.8 inches approx., or 2.5 x 2.0 mm). * **F**: Lead-free / RoHS compliant. * **R012**: Inductance value (R represents the decimal point; 0.012 µH). * **K**: Tolerance code (K = ±10%). --- ### 3. Electrical Characteristics & Performance * **High SRF (Self-Resonant Frequency):** At 4000 MHz, this component is ideal for high-frequency RF (Radio Frequency) applications as it maintains inductive properties well into the GHz range. * **Wire-wound Construction:** Unlike multilayer inductors, the wire-wound design allows for lower DC resistance and higher current handling capabilities. * **Molded Protection:** The "F" series often features a molded resin body that provides excellent mechanical strength and environmental protection against moisture and vibration. --- ### 4. Common Applications Due to its high frequency and low resistance, this part is commonly found in: 1. **Mobile Communications:** Smartphones, GPS modules, and Wi-Fi routers. 2. **RF Filtering:** Used in band-pass filters and impedance matching circuits. 3. **High-Speed Data:** Decoupling and signal conditioning in high-speed digital circuits. 4. **Automotive Electronics:** Infotainment systems and sensor modules. --- ### 5. Land Pattern (Footprint) Example When designing a PCB (Printed Circuit Board), the footprint typically follows the 1008 standard: ```markdown Dimension | Value (mm) ---------|----------- Length (L)| 2.5 ± 0.2 Width (W) | 2.0 ± 0.2 Height (H)| 1.6 ± 0.2 ```
    ✨ Follow-up Questions
    • ⤷What is the difference between a wire-wound inductor and a multilayer inductor?
    • ⤷ How does the 'K' tolerance affect circuit performance in RF filters?
    • ⤷ What are the alternatives to the 1008 package size for smaller devices?