CTMC1008F-R018K
AI

The **CTMC1008F-R018K** is a high-frequency, wire-wound surface mount (SMD) inductor. It is part of the CTMC1008F series, commonly used in radio frequency (RF) circuits and high-speed signal filtering.
---
### 1. Part Number Breakdown
Understanding the nomenclature helps identify the component's key specifications:
| Code Segment | Meaning | Description |
| :--- | :--- | :--- |
| **CTMC** | Series Type | Molded Chip Inductor (Wire-wound) |
| **1008** | Case Size | 0.10 x 0.08 inches (approx. 2.5 x 2.0 mm) |
| **F** | Lead-Free | RoHs compliant material |
| **R018** | Inductance Value | 0.018 µH (or 18 nH) |
| **K** | Tolerance | ±10% |
---
### 2. Technical Specifications
Below are the typical electrical characteristics for this specific component:
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 0.018 µH (18 nH) |
| **Tolerance** | ±10% |
| **Test Frequency** | 50 MHz |
| **Quality Factor (Q) Min** | 28 (at test frequency) |
| **Self-Resonant Frequency (SRF)** | ~2500 MHz (Minimum) |
| **DC Resistance (DCR) Max** | 0.15 Ω |
| **Rated DC Current (Idc)** | ~700 mA |
| **Operating Temperature** | -40°C to +125°C |
---
### 3. Key Electronic Features
* **Molded Construction:** The wire-wound coil is encapsulated in a molded resin, providing excellent mechanical strength and environmental protection against moisture and physical shock.
* **High SRF (Self-Resonant Frequency):** Because the SRF is high (2.5 GHz), this inductor remains effective in high-frequency RF applications without turning into a capacitor.
* **Low DCR:** The low DC resistance ensures minimal power loss and heat generation, making it efficient for power management in small circuits.
* **Standard Footprint:** The 1008 (2520 metric) package is a standard size for automated SMT (Surface Mount Technology) assembly lines.
---
### 4. Common Applications
This part is typically found in:
* **Mobile Communication:** Cell phones and GPS modules.
* **WLAN/Bluetooth:** Matching circuits for antennas and RF front-ends.
* **High-Speed Signal Lines:** Filtering electromagnetic interference (EMI).
* **Broadband Equipment:** Modems and routers.
- ⤷
What is the difference between this molded inductor and a multilayer ceramic inductor?
- ⤷ How does the 'K' tolerance affect RF circuit performance compared to a 'J' tolerance?
- ⤷ Can this inductor be used for power supply decoupling in high-current applications?