전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • CTMC1008F-R018M

  • AI
    The **CTMC1008F-R018M** is a high-frequency, surface-mount (SMD) molded chip inductor. It belongs to the wire-wound category and is designed for applications requiring high reliability and stable performance in compact electronic circuits. --- ## 1. Technical Specifications The following table summarizes the key electrical and physical characteristics of the component: | Parameter | Value / Specification | | :--- | :--- | | **Inductance** | 0.018 µH (18 nH) | | **Tolerance** | ±20% (indicated by 'M') | | **Case Size** | 1008 (2.5mm x 2.0mm) | | **Core Material** | Ceramic | | **Test Frequency** | 50 MHz | | **DC Resistance (DCR)** | 0.15 Ω (Max) | | **Rated Current** | 700 mA (Max) | | **Self-Resonant Frequency (SRF)** | 1800 MHz (Min) | | **Operating Temperature** | -40°C to +125°C | --- ## 2. Part Number Breakdown Understanding the nomenclature helps in identifying variants: * **CTMC**: Series prefix (Commonly associated with Central Technologies Molded Inductors). * **1008**: Physical dimensions (Length 0.10" x Width 0.08"). * **F**: Lead-free / RoHS compliant. * **R018**: Inductance value (R = Decimal point; 0.018 µH). * **M**: Tolerance code (M = ±20%). --- ## 3. Key Electronic Features ### High Self-Resonant Frequency (SRF) Because the inductance value is very low (18 nH), the SRF is extremely high (1.8 GHz). This makes the part ideal for high-frequency RF applications where the inductor must maintain its inductive properties without becoming capacitive. ### Molded Construction The "M" in the series often refers to a molded construction. This provides: * **Environmental Protection:** Better resistance to moisture and physical shock. * **Mechanical Stability:** Superior durability during the Pick-and-Place assembly process. ### Ceramic Core Unlike ferrite cores, ceramic cores have no magnetic saturation issues. This ensures that the inductance remains stable even as the current increases, and provides a high "Q" factor at high frequencies. --- ## 4. Typical Applications * **RF Transceivers:** Used in matching circuits and filters for wireless communication. * **Bluetooth/WLAN Modules:** High-frequency signal conditioning. * **Mobile Devices:** Power decoupling in high-speed data lines. * **Broadband Equipment:** Oscillators and high-frequency amplifiers.
    ✨ Follow-up Questions
    • ⤷What is the difference between a ceramic core and a ferrite core inductor?
    • ⤷ How does the 'Q factor' affect the performance of this inductor in RF circuits?
    • ⤷ Can this component be used in high-power DC-DC converters?