CTMC1008F-R56M
AI

The **CTMC1008F-R56M** is a high-frequency, surface-mount (SMD) wire-wound chip inductor. It is designed for high-density circuits where stable inductance and high reliability are required.
---
### 1. Part Number Breakdown
The part number follows a specific nomenclature used by manufacturers (like Central Technologies):
| Segment | Meaning | Detail |
| :--- | :--- | :--- |
| **CTMC** | Series Code | Molded Chip Inductor (Wire-wound) |
| **1008** | Case Size | 1008 Imperial (2.5mm x 2.0mm) |
| **F** | Lead-Free | RoHS Compliant |
| **-R56** | Inductance Value | **0.56 µH** (R denotes decimal) |
| **M** | Tolerance | **±20%** |
---
### 2. Technical Specifications
These parameters define the electrical behavior and limitations of the component:
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 0.56 µH |
| **Tolerance** | ±20% |
| **Test Frequency** | 25.2 MHz |
| **Self-Resonant Frequency (SRF)** | 160 MHz (Minimum) |
| **DC Resistance (DCR)** | 0.45 Ω (Maximum) |
| **Rated Current (Idc)** | 450 mA (Maximum) |
| **Operating Temperature** | -40°C to +125°C |
---
### 3. Physical & Material Characteristics
* **Construction:** Wire-wound core. The wire is coiled around a ceramic or ferrite core and then molded or encapsulated for protection.
* **Encapsulation:** The "Molded" (CTMC) aspect means the internal winding is protected by a thermoset plastic resin, providing excellent mechanical strength and resistance to moisture.
* **Termination:** Solder-plated terminals (usually Matte Tin over Nickel) compatible with reflow soldering processes.
---
### 4. Applications
Due to its small footprint and high self-resonant frequency, the CTMC1008F-R56M is typically found in:
* **RF Circuits:** Matching networks and high-frequency filters.
* **Mobile Devices:** Power management in smartphones and tablets.
* **Telecommunications:** Signal conditioning in wireless base stations.
* **Decoupling:** Filtering high-frequency noise from power supply lines.
---
- ⤷
What is the difference between a wire-wound and a multilayer chip inductor?
- ⤷ How does the 'Self-Resonant Frequency' affect the performance of this inductor?
- ⤷ Are there equivalent parts from other manufacturers like Murata or TDK?