전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • CTMC1210-R018M

  • AI
    ## Analysis of Electronic Component: CTMC1210-R018M The **CTMC1210-R018M** is a high-frequency, wire-wound surface mount (SMD) inductor. It is designed primarily for use in communication equipment, high-speed data circuits, and general power management where a compact footprint is required. --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify its physical and electrical characteristics: | Code Segment | Meaning | Description | | :--- | :--- | :--- | | **CTMC** | Series Type | Multi-layer or Wire-wound Molded Chip Inductor series. | | **1210** | Case Size | Imperial units (0.12 x 0.10 inches) or 3.2 x 2.5 mm. | | **R018** | Inductance Value | The "R" acts as a decimal point. 0.018 µH (or 18 nH). | | **M** | Tolerance | Standard tolerance code: ±20%. | --- ### 2. Key Technical Specifications Based on standard manufacturer data for the 1210-R018M series: * **Inductance:** 0.018 µH (18 nH). * **Tolerance:** ±20% (Standard for this series). * **Test Frequency:** Typically measured at 1 MHz or 100 MHz depending on the specific application grade. * **Rated Current (Idc):** Usually ranges between **450mA to 800mA** (varies slightly by manufacturer brand). * **DC Resistance (DCR):** Low resistance, typically in the range of **0.05 to 0.15 Ohms**, to minimize power loss. * **Self-Resonant Frequency (SRF):** High SRF (often > 2000 MHz), making it suitable for high-frequency RF applications. --- ### 3. Construction and Materials * **Body Material:** Molded resin/plastic casing providing excellent mechanical strength and environmental protection. * **Core:** Often a Ferrite or Ceramic core depending on the specific frequency requirements. * **Termination:** Lead-free (RoHS compliant) tin-plated electrodes suitable for reflow soldering. --- ### 4. Common Applications This specific inductor is found in: * **RF Tuning Circuits:** Used in wireless communication modules. * **EMI Suppression:** Filtering high-frequency noise in power lines. * **DC-DC Converters:** Acting as an energy storage element in small power supplies. * **Mobile Devices:** Due to its 1210 small form factor. --- ### 5. Equivalent Comparison If the CTMC1210-R018M is unavailable, common equivalents are found in the following series: * **TDK:** NLV32 series. * **Murata:** LQH32 series. * **Bourns:** CM322522 series.
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the CTMC1210 series?
    • ⤷ How does the 'R018' inductance value compare to a '1R0' value?
    • ⤷ Can this inductor be used in high-vibration automotive environments?