전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • CTMC1210F-R027M

  • AI
    ## Analysis of CTMC1210F-R027M The **CTMC1210F-R027M** is a high-frequency, surface-mount (SMD) power inductor, typically categorized as a **Chip Inductor**. It is designed for compact electronic circuits where space and performance are critical. ### 1. Part Number Breakdown Understanding the nomenclature helps identify the physical and electrical characteristics: | Part Segment | Meaning | Detail | | :--- | :--- | :--- | | **CTMC** | Series Code | Molded Chip Inductor (General Purpose/High Frequency) | | **1210** | Case Size | EIA 1210 (3.2mm x 2.5mm) | | **F** | Lead-Free | RoHS Compliant / Environmental Standard | | **R027** | Inductance Value | 0.027 µH (27 nH) | | **M** | Tolerance | ±20% | --- ### 2. Technical Specifications Below are the typical electrical parameters for this specific component: | Parameter | Value | | :--- | :--- | | **Inductance** | 0.027 µH (27 nH) | | **Tolerance** | ±20% | | **DC Resistance (DCR)** | Very Low (Typically < 0.20 Ω) | | **Rated Current (Idc)** | High (Dependent on heat rise, usually 300mA - 800mA range) | | **Operating Temperature** | -40°C to +125°C | | **Package / Case** | 1210 (3225 Metric) | --- ### 3. Key Features and Construction * **Molded Construction:** The "MC" in the series often indicates a molded or wire-wound structure within a resin body. This provides better mechanical strength and environmental protection compared to open-core inductors. * **Small Footprint:** The 1210 size is ideal for high-density PCB layouts. * **High Self-Resonant Frequency (SRF):** Due to the low inductance value (27nH), this part is optimized for high-speed signal integrity and RF applications. --- ### 4. Typical Applications The CTMC1210F-R027M is commonly used in the following scenarios: 1. **RF Circuits:** Matching networks and high-frequency filtering. 2. **Power Management:** Localized decoupling in DC-DC converters to reduce high-frequency noise. 3. **Communication Devices:** Used in smartphones, routers, and tablets for signal processing. 4. **EMI Suppression:** Filtering electromagnetic interference in high-speed data lines. --- ### 5. Footprint (EIA 1210) ```text Dimensions (approximate): L: 3.2 mm ± 0.3 mm W: 2.5 mm ± 0.2 mm H: 2.2 mm ± 0.2 mm ```
    ✨ Follow-up Questions
    • ⤷What is the typical Self-Resonant Frequency (SRF) for a 27nH inductor in this package?
    • ⤷ Are there alternative tolerances available for the CTMC series?
    • ⤷ How does the 'Molded' construction compare to 'Multilayer' inductors?