전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • CTMC1210F-R068M

  • AI
    ## Detailed Overview: CTMC1210F-R068M The **CTMC1210F-R068M** is a surface-mount (SMD) wire-wound chip inductor designed for high-frequency applications and power management. It is commonly utilized in automotive electronics, telecommunications, and consumer devices. ### 1. Part Number Breakdown Understanding the nomenclature helps identify the component's characteristics: | Code Segment | Meaning | Specification | | :--- | :--- | :--- | | **CTMC** | Series | Molded Chip Inductor (Wire-wound) | | **1210** | Case Size | 3.2mm x 2.5mm (EIA 1210 Metric 3225) | | **F** | Feature | Lead-free / RoHS Compliant | | **R068** | Inductance | 0.068 µH (68 nH) | | **M** | Tolerance | ±20% | --- ### 2. Technical Specifications The following table highlights the core electrical and physical parameters: | Parameter | Value | | :--- | :--- | | **Inductance** | 0.068 µH | | **Tolerance** | ±20% | | **DC Resistance (DCR)** | ~0.11 Ω (Max) | | **Rated Current (Idc)** | ~450 mA | | **Self-Resonant Frequency (SRF)** | > 450 MHz | | **Operating Temperature** | -40°C to +125°C | | **Construction** | Ferrite Core with Molded Resin | --- ### 3. Key Electronic Characteristics * **Wire-Wound Construction:** Unlike multilayer inductors, the wire-wound design provides a higher **Q-factor** (Quality Factor) and significantly lower DC resistance, making it more efficient for power handling. * **Molded Shielding:** The "CTMC" series features a molded resin body. This provides physical protection to the internal copper windings and offers a degree of magnetic shielding to reduce EMI (Electromagnetic Interference). * **High SRF:** With a Self-Resonant Frequency typically above 450 MHz, this part is suitable for high-speed signal filtering where lower-frequency inductors might behave like capacitors. --- ### 4. Applications The CTMC1210F-R068M is typically found in: 1. **DC-DC Converters:** Used for energy storage and smoothing in small power supply modules. 2. **Signal Filtering:** Used in RF circuits to block high-frequency noise while allowing DC to pass. 3. **Automotive Electronics:** Its robust molded construction makes it suitable for vibration-heavy environments (AEC-Q200 variants often exist). ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a molded inductor and a multilayer inductor in terms of performance?
    • ⤷ Can you explain how the Q-factor affects the efficiency of this component?
    • ⤷ Are there specific alternatives for the CTMC1210F series with higher current ratings?