전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • CTMC1210F-R10J

  • AI
    The **CTMC1210F-R10J** is a surface-mount (SMD) wire-wound chip inductor designed for high-frequency and general-purpose filtering applications. It is part of the CTMC series, commonly utilized in power supplies and communication equipment. --- ### 1. Part Number Breakdown The nomenclature reveals the specific characteristics of the component: | Segment | Meaning | Detail | | :--- | :--- | :--- | | **CTMC** | Series Code | Wire-wound Molded Chip Inductor | | **1210** | Case Size | 1210 (EIA) or 3225 (Metric): 3.2mm x 2.5mm | | **F** | Lead-Free | RoHS Compliant / Lead-free construction | | **R10** | Inductance Value | R10 = 0.10 µH (Microhenries) | | **J** | Tolerance | ±5% | --- ### 2. Key Technical Specifications Based on the standard 1210 wire-wound series datasheet, here are the electrical and physical parameters: * **Inductance:** 0.10 µH * **Tolerance:** ±5% (J grade) * **Test Frequency:** Typically 25.2 MHz * **Self-Resonant Frequency (SRF):** High SRF (typically > 400 MHz), making it stable at high frequencies. * **DC Resistance (DCR):** Low resistance (usually < 0.20 Ω) to minimize power loss. * **Rated Current:** Can typically handle between 400mA to 800mA depending on the specific manufacturer's thermal rating. * **Operating Temperature:** -40°C to +125°C. --- ### 3. Construction and Features * **Wire-Wound Design:** Features a copper wire wound around a ceramic or ferrite core. This provides higher Q-factors and higher current handling compared to multilayer inductors. * **Molded Shielding:** The "F" series often features a molded resin body that provides mechanical strength and protects the coil from environmental factors. * **Size (1210):** A mid-sized SMD footprint that offers a balance between power handling and PCB space-saving. --- ### 4. Common Applications Due to its 0.10 µH value and 1210 size, this part is ideal for: 1. **RF Matching:** Used in wireless communication circuits. 2. **Filtering:** Decoupling high-frequency noise in power supply lines (DC-DC converters). 3. **Signal Conditioning:** Maintaining signal integrity in high-speed data lines. --- ### 5. Equivalent Substitutes If the CTMC (Central Technologies) brand is unavailable, similar parts can be found in these series: * **TDK:** NLV32 series * **Murata:** LQH32 series * **Bourns:** CM322522 series
    ✨ Follow-up Questions
    • ⤷ What is the maximum DC current rating for the R10J specifically?
    • ⤷ How does a wire-wound inductor compare to a multilayer inductor in RF circuits?
    • ⤷ What are the soldering profile requirements for 1210 size SMD inductors?