전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • CTMC1210F-R12J

  • AI
    ## Detailed Overview of CTMC1210F-R12J The **CTMC1210F-R12J** is a high-frequency **Surface Mount Device (SMD) Chip Inductor**. It is specifically a "Molded" type inductor, designed for high reliability and performance in compact electronic circuits. ### 1. Part Number Breakdown Understanding the nomenclature helps identify the component's physical and electrical characteristics: | Code Segment | Meaning | Description | | :--- | :--- | :--- | | **CTMC** | Series | Molded Chip Inductor Series | | **1210** | Case Size | Imperial size (approx. 3.2mm x 2.5mm) | | **F** | Environmental | Lead-Free / RoHS Compliant | | **R12** | Inductance Value | R denotes decimal; 0.12 microhenries ($\mu H$) | | **J** | Tolerance | $\pm 5\%$ | --- ### 2. Key Electrical Specifications The performance of the CTMC1210F-R12J is defined by its ability to handle high frequencies while maintaining low resistance. * **Inductance:** $0.12 \mu H$ * **Tolerance:** $\pm 5\%$ (J) * **Test Frequency:** Typically measured at 25.2 MHz. * **Quality Factor (Q):** Usually high (minimum 30), ensuring low energy loss at operating frequencies. * **Self-Resonant Frequency (SRF):** Very high (typically > 500 MHz), allowing it to be used in high-speed communication circuits. * **DC Resistance (DCR):** Very low (typically $< 0.22 \Omega$), minimizing power dissipation. * **Rated Current:** Can typically handle between 450mA to 550mA (depending on temperature rise). --- ### 3. Construction and Material The "Molded" designation refers to the manufacturing process: 1. **Core Material:** Usually a Ferrite or Ceramic core depending on the specific frequency requirements. 2. **Encapsulation:** The coil is encapsulated in a hard thermosetting plastic/epoxy resin. This provides: * **Mechanical Strength:** Protection against physical impact and vibration. * **Environmental Resistance:** Protection against moisture and oxidation. * **Dimensional Accuracy:** Uniform shape for high-speed automated pick-and-place assembly. --- ### 4. Typical Applications Due to its 1210 form factor and high-frequency stability, this part is commonly found in: * **Telecommunications:** Cellular phones, base stations, and wireless LANs. * **Computing:** Hard disk drives and high-speed peripheral interfaces. * **Automotive:** Infotainment systems and sensor modules (if AEC-Q200 qualified). * **RF Modules:** Impedance matching and filtering in radio frequency circuits. --- ### 5. Land Pattern Dimensions When designing a PCB (Printed Circuit Board), the following dimensions are critical: ```markdown Dimension Value (mm) -------------------------- Length (L) 3.2 ± 0.3 Width (W) 2.5 ± 0.2 Thickness (T) 2.2 ± 0.2 ``` ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a molded inductor and a wire-wound inductor?
    • ⤷ Can this inductor be used in power supply filtering applications?
    • ⤷ What are the storage temperature requirements for CTMC series inductors?