전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • CTMC1812F-R12M

  • AI
    ## CTMC1812F-R12M: Component Specifications and Analysis The **CTMC1812F-R12M** is a surface-mount (SMD) wire-wound chip inductor. It is commonly used in power management, filtering, and RF circuits where a specific inductance and high reliability are required. --- ### 1. Technical Specifications Below are the primary electrical and physical characteristics of the component: | Parameter | Specification | Details | | :--- | :--- | :--- | | **Inductance** | 0.12 µH (120 nH) | Measured at a specific test frequency. | | **Tolerance** | ±20% (M) | Indicated by the 'M' suffix. | | **Case Size** | 1812 (EIA) | 4.5mm x 3.2mm (Metric 4532). | | **DC Resistance (DCR)** | ~0.22 Ω (Max) | Affects heat generation and efficiency. | | **Rated Current** | ~450 mA | Maximum current before saturation or overheating. | | **Self-Resonant Freq.** | 450 MHz (Min) | The frequency at which it stops acting as an inductor. | | **Operating Temp.** | -40°C to +125°C | Typical range for industrial applications. | --- ### 2. Part Number Breakdown The alphanumeric code provides specific details about the part's construction: * **CTMC**: Series prefix (typically indicating a Molded Chip Inductor). * **1812**: Physical dimensions (4.5mm length x 3.2mm width). * **F**: Lead-free / RoHS compliant. * **R12**: Inductance value (R represents the decimal point; R12 = 0.12 µH). * **M**: Tolerance code (M = ±20%). --- ### 3. Key Applications Inductors of this size and value are typically used for: 1. **High-Frequency Filtering**: Suppressing high-frequency noise in power lines. 2. **Impedance Matching**: Used in RF communication circuits to ensure maximum power transfer. 3. **DC-DC Converters**: Acting as an energy storage element in low-power voltage regulators. 4. **Decoupling**: Preventing interference between different sections of a PCB. --- ### 4. Implementation Considerations ```markdown - **Footprint**: Ensure the PCB land pattern matches the 4532 metric size to avoid tombstoning. - **Saturation Current**: Do not exceed the rated current, as the inductance will drop significantly, potentially causing circuit failure. - **DCR Losses**: In battery-operated devices, consider the DC resistance to minimize power loss through heat. ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the alternatives to the 1812 package size for this inductance?
    • ⤷ How does the 'Self-Resonant Frequency' affect performance in RF circuits?
    • ⤷ What is the difference between a molded inductor and a multilayer inductor?