전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • CTMC1812F-R15M

  • AI
    The **CTMC1812F-R15M** is a high-frequency, surface-mount (SMD) molded chip inductor. It is designed for use in circuits requiring high reliability and stable inductance in a compact form factor. --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify the physical and electrical characteristics of the component: | Segment | Meaning | Detail | | :--- | :--- | :--- | | **CTMC** | Series Type | Chip Inductor, Molded Construction | | **1812** | Case Size | 0.18 x 0.12 inches (4.5 x 3.2 mm) | | **F** | Material/Process | Ferrite Core (Lead-Free/RoHS compliant) | | **R15** | Inductance Value | 0.15 µH (Microhenries) | | **M** | Tolerance | ±20% | --- ### 2. Technical Specifications The electrical performance of this inductor is defined by its ability to store energy and filter noise at specific frequencies. * **Inductance:** 0.15 µH * **Tolerance:** ±20% * **Quality Factor (Q min):** Usually ranges between 25–40 at specific test frequencies. * **Self-Resonant Frequency (SRF):** High (typically >400 MHz), making it suitable for high-frequency filtering. * **DC Resistance (DCR):** Low resistance to minimize power loss and heat generation. * **Rated Current:** The maximum current it can handle before reaching a specific temperature rise or saturation. --- ### 3. Key Features & Construction 1. **Molded Encapsulation:** The coil is encased in a hard plastic/epoxy mold. This provides excellent mechanical strength and protection against moisture and environmental contaminants. 2. **Ferrite Core:** Utilizes a ferrite material which provides high magnetic permeability, allowing for higher inductance in a smaller footprint compared to air-core inductors. 3. **Solderability:** Features high-quality termination finishes (usually Tin/Silver/Copper) suitable for reflow and wave soldering processes. --- ### 4. Typical Applications The CTMC1812F-R15M is commonly used in the following scenarios: * **Power Supplies:** Used as a filter element in DC-DC converters to smooth out ripples. * **Telecommunications:** Signal conditioning and EMI/RFI suppression in mobile devices and base stations. * **Automotive Electronics:** Infotainment systems and sensor modules due to its rugged molded design. * **Computer Peripherals:** High-speed data lines where high-frequency noise needs to be mitigated.
    ✨ Follow-up Questions
    • ⤷What is the maximum rated current for the CTMC1812F-R15M?
    • ⤷ How does a molded inductor differ from a wire-wound inductor in terms of performance?
    • ⤷ Are there lower tolerance versions available for this specific part?