CTML0805F-R18M
AI

## Technical Overview of CTML0805F-R18M
The **CTML0805F-R18M** is a surface-mount (SMD) multilayer chip inductor. It is commonly used in high-frequency circuits for noise suppression, signal filtering, and energy storage in compact electronic devices.
### 1. Part Number Breakdown
Understanding the nomenclature helps in identifying its core characteristics:
| Code Segment | Description | Value/Meaning |
| :--- | :--- | :--- |
| **CTML** | Series Name | Ceramic Multilayer Chip Inductor |
| **0805** | Case Size (Imperial) | 2.0mm x 1.25mm |
| **F** | Lead-Free | RoHS Compliant / Ferrite Core |
| **R18** | Inductance Value | 0.18 µH (180 nH) |
| **M** | Tolerance | ±20% |
---
### 2. Key Electrical Specifications
Based on standard manufacturer data for the 0805 multilayer series:
* **Inductance:** 0.18 µH (measured at 25 MHz typically).
* **Tolerance:** ±20%.
* **DC Resistance (DCR):** Usually low (approx. 0.30 - 0.50 Ω max), minimizing power loss.
* **Rated Current:** Typically ranges between 200mA to 300mA.
* **Self-Resonant Frequency (SRF):** High SRF (often > 200 MHz), making it suitable for high-frequency applications.
* **Operating Temperature:** Typically -55°C to +125°C.
---
### 3. Construction and Material
* **Multilayer Technology:** Unlike wire-wound inductors, these are constructed by layering conductive paste (usually silver) and ceramic/ferrite material. This results in a monolithic structure that is highly reliable and physically robust.
* **Magnetic Shielding:** The multilayer design provides inherent magnetic shielding, which reduces electromagnetic interference (EMI) and prevents crosstalk with neighboring components on a dense PCB.
---
### 4. Applications
The CTML0805F-R18M is primarily used in:
* **Mobile Devices:** Cell phones, tablets, and wearable tech where space is limited.
* **Filtering:** Power supply decoupling to filter out high-frequency noise.
* **RF Circuits:** Matching networks and signal processing in wireless communication modules.
* **Computing:** Motherboards and peripheral high-speed data lines.
---
### 5. Comparison: Multilayer vs. Wire-Wound
| Feature | Multilayer (CTML) | Wire-Wound |
| :--- | :--- | :--- |
| **Size** | Very Small (Compact) | Larger |
| **Shielding** | Excellent (Self-shielded) | Poor (unless shielded) |
| **Q-Factor** | Moderate | High |
| **Cost** | Generally Lower | Higher |
- ⤷
What is the difference between R18M and 180M in inductor labeling?
- ⤷ How does the ferrite core affect the performance compared to a ceramic core?
- ⤷ Can this inductor be used in a switching power supply output filter?