전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • CTMPH060303F-R33M

  • AI
    The **CTMPH060303F-R33M** is a high-performance, surface-mount (SMD) power inductor. This specific component belongs to the **Molded Power Inductor** category, designed for high-current applications where space is limited and efficiency is critical. --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify the physical and electrical characteristics: | Code Segment | Meaning | Specification | |:---|:---|:---| | **CTMPH** | Series | High-current Molded Power Inductor | | **060303** | Case Size | ~1.6mm x 0.8mm x 0.8mm (Metric 1608) | | **F** | Lead-Free | RoHS Compliant / Halogen Free | | **R33** | Inductance Value | 0.33 µH (Microhenries) | | **M** | Tolerance | ±20% | --- ### 2. Technical Specifications These parts are engineered for stability across varying temperatures and high-frequency environments. * **Inductance:** 0.33 µH * **DC Resistance (DCR):** Typically very low (measured in mΩ) to minimize power loss. * **Saturation Current ($I_{sat}$):** The current level where inductance drops (usually by 30%). Molded inductors have a "soft" saturation curve. * **Rated Current ($I_{rms}$):** The continuous current that causes a specific temperature rise (usually 40°C). * **Operating Temperature:** Typically ranges from -40°C to +125°C. --- ### 3. Key Features * **Magnetic Shielding:** The molded construction uses a magnetic metal powder core that encapsulates the coil, reducing Electromagnetic Interference (EMI). * **High Current Density:** Capable of handling higher currents compared to traditional ferrite drum core inductors of the same size. * **Low Buzz Noise:** The solid molded structure minimizes acoustic noise caused by magnetostriction. * **Compact Footprint:** The 0603 (metric 1608) size is ideal for mobile devices and dense PCB layouts. --- ### 4. Common Applications This inductor is primarily used in power management circuits: 1. **DC-DC Converters:** Buck, Boost, and Buck-Boost regulators. 2. **Mobile Electronics:** Smartphones, tablets, and wearable tech. 3. **Computing:** High-speed RAM power supplies and CPU peripheral rails. 4. **IoT Devices:** Battery-powered sensors requiring high efficiency. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific Saturation and RMS current ratings for this inductor?
    • ⤷ How does a molded inductor compare to a wire-wound ferrite inductor in terms of EMI?
    • ⤷ What is the recommended solder reflow profile for the 0603 case size?