CTS3F-R47K
AI

## Analysis of the CTS3F-R47K Electronic Component
The **CTS3F-R47K** is a specific type of **fixed inductor** (choke) commonly used in electronic circuits for power management, signal filtering, and noise suppression.
### 1. Part Number Breakdown
To understand the component, we can decode the alphanumeric string:
| Segment | Meaning | Detail |
| :--- | :--- | :--- |
| **CTS3F** | Series/Body Style | Shielded or Unshielded Axial/Conformal Coated Inductor series. |
| **R47** | Inductance Value | **0.47 µH** (R acts as a decimal point). |
| **K** | Tolerance | **±10%** (Industry standard code). |
---
### 2. Technical Specifications
While exact specs can vary slightly by manufacturer (such as Central Technologies), the standard parameters for this type of inductor include:
* **Inductance:** 0.47 Microhenries (µH)
* **Tolerance:** ±10%
* **Mounting Type:** Through-Hole (Axial Lead)
* **Coating:** Typically Epoxy or Conformal coated for environmental protection.
* **Operating Temperature:** Generally ranges from -55°C to +125°C.
---
### 3. Key Functions & Applications
The CTS3F-R47K serves several critical roles in a circuit:
#### A. Signal Filtering
It acts as a low-pass filter, allowing DC and low-frequency signals to pass while blocking high-frequency noise (EMI/RFI).
#### B. Energy Storage
In switching power supplies, it stores energy in its magnetic field during the "on" cycle and releases it during the "off" cycle.
#### C. Common Use Cases:
1. **Power Supplies:** Filtering ripples in DC-DC converters.
2. **Telecommunications:** Signal decoupling and tuning.
3. **Consumer Electronics:** Suppressing electromagnetic interference in TVs, computers, and audio equipment.
---
### 4. Physical Characteristics
* **Form Factor:** Resistor-like shape with wire leads on both ends.
* **Color Coding:** Often uses color bands to denote inductance value, similar to resistors, though the "R47K" print is common on larger industrial versions.
- ⤷
What are the equivalent alternative parts for the CTS3F-R47K?
- ⤷ How do I calculate the self-resonant frequency for this inductor?
- ⤷ What is the maximum current rating (Imax) for this specific series?