전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • CTSFW1030F-R33M

  • AI
    ### CTSFW1030F-R33M: Technical Overview The **CTSFW1030F-R33M** is a high-current, surface-mount (SMD) power inductor commonly used in DC-DC converter applications. It belongs to a category often referred to as "Molded Power Chokes," known for their high efficiency and low electromagnetic interference (EMI). --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify the component's specifications: | Component Segment | Meaning | | :--- | :--- | | **CTSFW** | Series designation (typically shielded, metal alloy powder core) | | **1030** | Case size (Approx. 10mm x 11mm footprint, 3.0mm height) | | **F** | RoHS Compliant / Lead-Free designation | | **R33** | Inductance value: **0.33 µH** | | **M** | Tolerance: **±20%** | --- ### 2. Key Technical Specifications While exact values can vary slightly by manufacturer (often associated with brands like Central Technologies or similar alternatives), the typical parameters for an R33 1030 size inductor are: * **Inductance:** 0.33 µH * **DC Resistance (DCR):** Extremely low (typically < 2.0 mΩ) to minimize power loss. * **Saturation Current ($I_{sat}$):** Very high, often ranging from **30A to 50A**. This is the current at which inductance drops by a specified percentage (usually 20-30%). * **Rated Current ($I_{rms}$):** The continuous current that causes a specific temperature rise (usually 40°C). * **Operating Temperature:** Generally -40°C to +125°C. --- ### 3. Structural Features * **Metal Powder Core:** Unlike traditional ferrite cores, these use a pressed metal alloy powder. This allows for "soft saturation," meaning the inductor doesn't lose its properties abruptly when high current spikes occur. * **Magnetic Shielding:** The molded construction inherently shields the component, reducing radiated EMI that could interfere with nearby sensitive circuits. * **Flat Wire Technology:** Some versions use flat copper wire instead of round wire to increase the surface area, reducing the "Skin Effect" and lowering DCR. --- ### 4. Common Applications Due to its high current handling and small footprint, the CTSFW1030F-R33M is typically found in: 1. **Voltage Regulator Modules (VRMs):** Powering CPUs and GPUs in laptops and servers. 2. **Point of Load (POL) Converters:** Distributed power systems on motherboards. 3. **Battery Powered Devices:** High-efficiency DC-DC converters for mobile tech. 4. **Automotive Electronics:** Infotainment and ADAS power supplies. --- ### 5. Footprint Example (Typical) ```text [ 11.0 mm ] ___________________ | | | R33 | -- 10.0 mm | (Date Code) | |___________________| ```
    ✨ Follow-up Questions
    • ⤷What is the difference between soft saturation and hard saturation in inductors?
    • ⤷ How does DCR affect the efficiency of a power supply?
    • ⤷ What are the recommended soldering profiles for SMD molded inductors?