CTX0.68-4P-R
AI

The **CTX0.68-4P-R** is a specific type of electronic component known as a **High-Current, Low-Profile Inductor** (specifically a dual-winding inductor or transformer). It is part of the Octa-Pac® series, originally manufactured by Coiltronics (now a brand under Eaton/Bussmann).
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its electrical characteristics:
| Parameter | Value / Specification |
|:---|:---|
| **Inductance** | 0.68 µH (Microhenries) |
| **Current Rating (Typical)** | High (designed for multi-amp applications) |
| **Number of Windings** | 2 (Dual winding) |
| **Configuration** | Surface Mount (SMT) |
| **RoHS Compliant** | Yes (indicated by the "-R" suffix) |
| **Package Series** | Octa-Pac (Size 4P) |
---
### 2. Key Physical Features
* **Toroidal Core:** Uses a powdered iron or ferrite toroidal core, which provides excellent magnetic field confinement and low Electromagnetic Interference (EMI).
* **Dual Winding:** It consists of two separate coils wound on the same core. This allows the part to be used in several different circuit configurations.
* **Octa-Pac Housing:** The "4P" refers to the specific physical size of the package. These are typically square or octagonal surface-mount bases with 4 or more leads.
---
### 3. Functional Applications
Because it has two windings, the CTX0.68-4P-R is highly versatile:
1. **Inductor (Series/Parallel):**
* Connect windings in **series** to increase total inductance.
* Connect windings in **parallel** to increase current-handling capacity.
2. **1:1 Transformer:** Can be used for isolation or to provide a secondary voltage rail.
3. **Common Mode Choke:** Used in power lines to filter out high-frequency noise.
4. **SEPIC Converters:** Commonly used in DC-DC converters where two identical inductors are required on a single core to save space and improve efficiency.
---
### 4. Meaning of the Part Number Suffixes
* **CTX:** Series prefix (Octa-Pac).
* **0.68:** The nominal inductance value in microhenries.
* **4P:** The physical case size and power rating category.
* **-R:** Lead-free / RoHS compliant materials.
- ⤷
What are the wiring diagrams for series vs. parallel connection on this part?
- ⤷ How does the CTX0.68-4P-R compare to the CTX0.68-1P in terms of size?
- ⤷ What is the maximum operating temperature for Eaton Octa-Pac inductors?