CTX1-4-R
AI

The **CTX1-4-R** is a high-performance, surface-mount (SMT) power inductor/transformer belonging to the **OCTA-PAC®** series, originally manufactured by Coiltronics (now part of **Eaton Bussmann**).
---
### 1. Technical Specifications
The "1-4" in the part number designates the specific size and winding configuration. Below are the key electrical characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Inductance (Parallel)** | 1.15 µH ±20% |
| **Inductance (Series)** | 4.60 µH ±20% |
| **Isat (Saturation Current)** | 10.4 A (Parallel) |
| **Irms (Heating Current)** | 4.80 A (Parallel) |
| **DCR (DC Resistance)** | 0.0162 Ω (Parallel) |
| **Operating Temperature** | -40°C to +125°C |
---
### 2. Physical Construction & Features
* **Dual Winding Design:** It consists of two identical windings that can be connected in **series** or **parallel**.
* **Toroidal Core:** Uses a powdered iron toroidal core, which offers low EMI (Electromagnetic Interference) and high efficiency.
* **Surface Mount:** Designed for pick-and-place automation with a rugged, low-profile header.
* **"R" Suffix:** Indicates that the part is **RoHS compliant** (lead-free).
---
### 3. Applications and Use Cases
Because of its dual-winding nature, the CTX1-4-R is highly versatile:
1. **Buck/Boost Converters:** Used as a standard power inductor for DC-DC conversion.
2. **SEPIC Topology:** Ideal for Single-Ended Primary-Inductor Converters where two coupled inductors are required.
3. **1:1 Transformers:** Can be used as an isolation transformer or for voltage doubling/halving.
4. **Common Mode Choke:** Effective for filtering noise in power lines when wired appropriately.
---
### 4. Comparison: Series vs. Parallel Wiring
When integrating this part into a PCB layout, the wiring configuration changes the performance:
```markdown
# Parallel Connection (Pin 1-4, Pin 2-3 tied)
- Higher Current Capacity (Isat)
- Lower Inductance
- Lower Resistance (DCR)
# Series Connection (Pin 2-3 tied together)
- Lower Current Capacity
- 4x Inductance (Relative to parallel)
- Higher Resistance (DCR)
```
- ⤷
What is the difference between the CTX and the CTX-P (OCTA-PAC PLUS) series?
- ⤷ How do I calculate the saturation current when using this in a series configuration?
- ⤷ Are there recommended footprints for the OCTA-PAC size 1 case?