CTX100-5-52LP-R
AI

The **CTX100-5-52LP-R** is a high-performance power inductor manufactured by **Eaton (formerly Coiltronics)**. It belongs to the **OCTA-PAC** series, which is known for its versatility and high power density in surface-mount applications.
---
### ## Technical Specifications
Below are the primary electrical and physical characteristics of this component:
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 100 µH |
| **Current Rating (Irms)** | ~0.87 Amperes |
| **Peak Current (Isat)** | ~1.15 Amperes |
| **DC Resistance (DCR)** | 0.407 Ohms (Max) |
| **Core Material** | Iron Powder (Material -52) |
| **Mounting Type** | Surface Mount (SMD) |
| **Operating Temp** | -40°C to +125°C |
---
### ### Key Features and Design
The "LP" in the part number stands for **Low Profile**, making it suitable for compact electronic assemblies.
1. **Dual Winding Construction:** This part features two identical windings. This allows the inductor to be configured in different ways:
* **Series:** Increases total inductance.
* **Parallel:** Increases current handling capability.
* **Transformer mode:** Can be used as a 1:1 isolation transformer or a coupled inductor.
2. **Core Material (-52):** The suffix "-52" refers to the specific Iron Powder core. This material is optimized for high-frequency applications (up to 250kHz - 500kHz) and offers low core losses and good thermal stability.
3. **EMI Shielding:** While not fully shielded like some molded inductors, the toroidal shape of the internal core inherently limits electromagnetic interference (EMI) compared to open-bobbin designs.
---
### ### Common Applications
Due to its dual-winding nature and power density, the CTX100-5-52LP-R is frequently found in:
* **DC-DC Converters:** Specifically in Buck, Boost, and SEPIC topologies.
* **Power Supplies:** Used as an output filter inductor for switching regulators.
* **Signal Isolation:** As a 1:1 transformer for low-power signal or gate drive isolation.
* **Computer Peripherals:** Used in high-density power modules for servers and workstations.
---
### ### Part Number Breakdown
Understanding the nomenclature helps in selecting alternates:
* **CTX:** Eaton/Coiltronics Series prefix.
* **100:** Inductance value (100 µH).
* **5:** Size code (refers to physical dimensions of the OCTA-PAC casing).
* **52:** Core material type (Iron Powder).
* **LP:** Low Profile package.
* **R:** RoHS compliant.
- ⤷What are the specific dimensions of the 'Size 5' OCTA-PAC package?
- ⤷ How do I calculate the inductance if I wire the two windings in parallel?
- ⤷ What are the advantages of iron powder cores over ferrite cores in this application?