CTX15-2P-R
AI

### CTX15-2P-R: Technical Overview
The **CTX15-2P-R** is a high-performance, surface-mount (SMT) dual-winding inductor, commonly referred to as a **OCTA-PAC®** series component manufactured by Eaton (formerly Coiltronics). It is designed for power conversion applications where space, efficiency, and versatility are critical.
---
### 1. Key Technical Specifications
| Parameter | Value / Specification |
| :--- | :--- |
| **Inductance (Parallel)** | 14.8 µH |
| **Inductance (Series)** | 59.2 µH |
| **Current Rating (Isat)** | ~1.62 A (Parallel configuration) |
| **DC Resistance (DCR)** | ~0.089 Ω (Parallel) |
| **Package / Case** | OCTA-PAC® Size 2 |
| **Operating Temperature** | -40°C to +125°C |
| **Termination Style** | SMD/SMT (Gull-wing leads) |
---
### 2. Core Functional Features
The CTX15-2P-R is unique because it contains **two identical windings** on a single toroidal core. This allows for three primary wiring configurations:
* **Parallel Connection:** Connect the windings in parallel to double the current capacity while maintaining the base inductance (15µH range).
* **Series Connection:** Connect the windings in series to quadruple the inductance (approx. 60µH) at the base current rating.
* **1:1 Transformer Mode:** Use the part as a common-mode choke or an isolation transformer.
### 3. Construction and Materials
* **Toroidal Geometry:** Uses a powdered iron or ferrite toroidal core, which inherently minimizes Electromagnetic Interference (EMI) because the magnetic flux is contained within the ring.
* **Secure Mounting:** The core is mounted in a rugged base with gull-wing leads, making it suitable for automated pick-and-place assembly and infrared reflow soldering.
* **Low Losses:** Engineered for low core losses at high frequencies, typically used in switching frequencies ranging from 100 kHz to over 1 MHz.
---
### 4. Common Applications
Due to its dual-winding nature, the CTX15-2P-R is frequently found in:
1. **DC-DC Converters:** Specifically SEPIC (Single-Ended Primary-Inductor Converter) topologies.
2. **Buck/Boost Regulators:** Acting as the main energy storage inductor.
3. **Noise Filtering:** Used as a common-mode choke to filter out high-frequency noise in power lines.
4. **Isolation:** Providing basic signal or power isolation in low-power circuits.
---
### 5. Schematic Symbol Representation
```text
1 o---( Winding 1 )---o 2
4 o---( Winding 2 )---o 3
```
*Note: Dots indicate polarity (phasing) for transformer or series applications.*
- ⤷
How do you calculate the saturation current when switching from parallel to series wiring?
- ⤷ What are the specific advantages of using a toroidal core like the OCTA-PAC over a standard drum core?
- ⤷ Can the CTX15-2P-R be used in automotive-grade environments?