CTX20-3P-R
AI

### Overview of CTX20-3P-R
The **CTX20-3P-R** is a high-performance, surface-mount (SMT) power inductor belonging to the **OCTA-PAC®** series manufactured by **Eaton (formerly Bussmann/Coiltronics)**. This component is unique because it features **dual windings**, allowing it to be configured as a single inductor, a coupled inductor, or a 1:1 transformer.
---
### Key Specifications
The following table outlines the primary electrical and physical characteristics of the CTX20-3P-R:
| Parameter | Specification |
| :--- | :--- |
| **Inductance (Parallel)** | 20.32 µH |
| **Inductance (Series)** | 81.28 µH |
| **Current Rating (Isat)** | ~2.5 A (configuration dependent) |
| **DC Resistance (DCR)** | ~0.054 Ω (Parallel) |
| **Operating Temperature** | -40°C to +125°C |
| **Package Type** | SMT (Surface Mount) |
| **Size / Dimension** | ~11.43mm x 11.43mm |
| **RoHS Status** | Compliant (-R suffix) |
---
### Detailed Part Breakdown
1. **Dual Winding Design:**
The device consists of two identical windings wound on a single toroidal core. This provides high magnetic coupling between the two coils.
2. **Configurability:**
* **Series Connection:** Increases total inductance (L total = L1 + L2 + 2M).
* **Parallel Connection:** Increases current handling capacity while maintaining the base inductance.
* **Transformer Mode:** Can be used as a 1:1 isolation transformer or for SEPIC (Single-Ended Primary-Inductor Converter) topologies.
3. **Core Material:**
It typically utilizes a **powdered iron core**, which offers excellent energy storage capabilities and a "soft" saturation characteristic, meaning the inductance drops gradually as current increases rather than crashing abruptly.
4. **Applications:**
* **DC-DC Converters:** Buck, Boost, and Forward converters.
* **SEPIC Converters:** Ideal due to the coupled windings.
* **Noise Filtering:** Used as a common-mode choke to filter electromagnetic interference (EMI).
* **Isolation:** Providing signal or power isolation in low-power circuits.
---
### Schematic Symbol & Layout
When designing a PCB for the CTX20-3P-R, it is treated as a 4-terminal device:
* **Terminals 1 & 4:** First Winding (Start/Finish)
* **Terminals 2 & 3:** Second Winding (Start/Finish)
---
- ⤷
How do I calculate the maximum current for the CTX20-3P-R in a series vs parallel configuration?
- ⤷ What are the specific advantages of using a toroidal core in this inductor?
- ⤷ Can the CTX20-3P-R be used effectively in high-frequency switching power supplies above 500kHz?