CTX200-4P-R
AI

The **CTX200-4P-R** is a high-performance, shielded power inductor specifically designed for DC-DC converters and power management circuits. It belongs to the **OCTA-PAC® PLUS** series manufactured by **Eaton (formerly Coiltronics)**.
### 1. Technical Specifications
Below are the primary electrical characteristics for the CTX200-4P-R:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 200 µH (Typical) |
| **Rated Current (Irms)** | ~0.46 Amps |
| **Saturation Current (Isat)** | ~0.55 Amps |
| **DC Resistance (DCR)** | ~0.825 Ohms (Max) |
| **Operating Temperature** | -40°C to +125°C |
| **Package Type** | Surface Mount (SMD) |
| **Material** | Ferrite Core / Copper Wire |
---
### 2. Key Internal Components & Materials
The device is built using several specific electronic components and engineering features:
* **Ferrite Core:** Utilizes a high-density ferrite core which provides high permeability and low core losses at high frequencies.
* **Shielding:** It is a **shielded** inductor. This means the magnetic field is contained within the component, significantly reducing Electromagnetic Interference (EMI) with neighboring components on the PCB.
* **Winding Structure:** The "4P" in the part number often refers to the specific winding configuration or size class within the OCTA-PAC series. It uses high-temperature rated copper wire to ensure stability under load.
* **Lead-Free Construction:** The "-R" suffix indicates that the part is **RoHS compliant**, utilizing lead-free solder and plating.
---
### 3. Circuit Applications
This part is commonly found in the following electronic environments:
1. **Buck/Boost Converters:** Used for energy storage to smooth out current ripples.
2. **Input/Output Filters:** Used to eliminate noise in power lines.
3. **Computer Peripherals:** Frequently used in laptops and servers for localized power regulation.
4. **Industrial Controls:** Suitable for 24V DC systems requiring stable inductance.
---
### 4. Physical Dimensions (Approximate)
The CTX series follows a standardized footprint for automated SMT (Surface Mount Technology) assembly:
* **Length:** ~11.4 mm
* **Width:** ~11.4 mm
* **Height:** ~4.8 mm
* **Mounting:** Designed for pick-and-place machines with a flat top for vacuum nozzles.
- ⤷What is the difference between the CTX series and the standard OCTA-PAC series?
- ⤷ How does the saturation current affect the performance of this inductor in a circuit?
- ⤷ Are there recommended PCB pad layouts for the CTX200-4P-R?