CTX210605-R
AI

The **CTX210605-R** is a high-performance power inductor, part of the **Octa-Path** series manufactured by Eaton (formerly Bussmann/Coiltronics). These components are known for their versatile design, featuring multiple windings that allow for various circuit configurations.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Inductance** | 6.25 µH to 100 µH (Configurable) |
| **Current Rating (Isat)** | Approx. 1.25A to 10A (Depending on configuration) |
| **Number of Windings** | 8 identical windings |
| **Operating Temperature** | -40°C to +125°C |
| **Mounting Type** | Surface Mount (SMD) |
| **Shielding** | Toroidal Shielded (Low EMI) |
---
### 2. Functional Design: The "Octa-Path"
The defining characteristic of the CTX210605-R is its **eight separate windings**. This unique construction provides engineers with extreme flexibility:
* **Configurability:** The 8 windings can be connected in series or parallel to achieve different inductance values and current ratings.
* **Transformers:** It can be used as a 1:1 up to 1:7 turns ratio transformer.
* **Coupled Inductors:** Ideal for multi-phase buck converters or SEPIC topologies.
---
### 3. Common Applications
Due to its shielded toroidal design and high efficiency, it is typically found in:
1. **DC-DC Converters:** SEPIC, Cuk, Flyback, and Buck/Boost topologies.
2. **Power Over Ethernet (PoE):** Providing power isolation and regulation.
3. **Battery Powered Systems:** Where space and efficiency are critical.
4. **EMI Filtering:** Functioning as a high-density common-mode choke.
---
### 4. Circuit Implementation Example
When wiring the device, the relationship between inductance ($L$) and current ($I$) changes based on how the windings are grouped:
```cpp
// Logic for Windings Configuration (Simplified)
If (Windings == Parallel) {
Inductance = L_base; // Stays low
Current_Capacity = I_base * 8; // Maximize current
}
else if (Windings == Series) {
Inductance = L_base * 64; // Inductance increases by N squared
Current_Capacity = I_base; // Current limited by single wire gauge
}
```
---
- ⤷
How do I calculate the specific inductance when connecting 4 of the 8 windings in series?
- ⤷ What are the advantages of a toroidal core over a traditional square core in this part?
- ⤷ Can the CTX210605-R be used as an isolation transformer?