CTX5-4-R
AI

### CTX5-4-R Electronic Component Overview
The **CTX5-4-R** is a high-performance, surface-mount (SMT) power inductor/transformer belonging to the **OCTA-PAC®** series manufactured by Eaton (formerly Cooper Bussmann/Coiltronics).
It is characterized by its **toroidal core geometry** and **dual-winding configuration**, which provides high efficiency and low electromagnetic interference (EMI).
---
### 1. Key Technical Specifications
The "5-4-R" suffix defines the specific inductance and current rating within the product family.
| Parameter | Specification |
| :--- | :--- |
| **Inductance (Parallel)** | 5.37 $\mu$H |
| **Inductance (Series)** | 21.48 $\mu$H |
| **Current Rating (Irms)** | 6.4 Amps (Parallel) |
| **DCR (Direct Current Resistance)** | 0.0152 $\Omega$ (Parallel) |
| **Configuration** | Dual Winding (1:1 Ratio) |
| **Operating Temperature** | -40°C to +125°C |
| **Mounting Type** | Surface Mount (SMD) |
---
### 2. Design and Construction
The CTX5-4-R is engineered for versatility and durability in power electronic circuits:
* **Toroidal Core:** The ring-shaped core (typically powdered iron or ferrite) ensures that the magnetic flux is contained within the core, significantly reducing EMI compared to traditional E-core inductors.
* **Dual Windings:** It features two identical windings. This allows the user to connect them in **series** (to increase inductance) or **parallel** (to increase current capacity).
* **Rugged Packaging:** The "-R" indicates RoHS compliance. The part is encapsulated in a base header that protects the fine copper wire and ensures stable SMT soldering.
---
### 3. Common Applications
Due to its dual-winding nature, the CTX5-4-R is used in several distinct roles:
1. **DC-DC Converters:** Acts as an output filter inductor in Buck, Boost, and SEPIC topologies.
2. **Common Mode Choke:** When wired correctly, it can be used to filter out high-frequency noise in power lines.
3. **1:1 Transformers:** Can be used as an isolation transformer or a flyback transformer for low-power applications.
4. **Energy Storage:** Ideal for high-density power supplies in industrial and telecommunications equipment.
---
### 4. Wiring Configurations
How you solder the pins determines the electrical behavior:
| Connection Type | Effect | Use Case |
| :--- | :--- | :--- |
| **Parallel** | Lower Inductance, Higher Current | High-current buck regulators. |
| **Series** | Higher Inductance, Lower Current | High-voltage ripple filtering. |
| **Isolated** | Two separate circuits | Signal coupling or isolation. |
---
- ⤷
What are the physical dimensions and footprint requirements for the CTX5-4-R?
- ⤷ How does the saturation current (Isat) of the CTX5-4-R compare to its RMS current rating?
- ⤷ Can this component be used in automotive AEC-Q200 qualified environments?