전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • CTXAL4020F-R60M

  • AI
    The **CTXAL4020F-R60M** is a high-performance, surface-mount (SMD) power inductor. It is commonly used in DC-DC converters and high-current power supplies due to its compact size and low core loss. --- ### 1. Part Number Breakdown Understanding the alphanumeric code helps identify the component's physical and electrical specifications: | Code Segment | Meaning | Description | | :--- | :--- | :--- | | **CTXAL** | Series Prefix | High-current, shielded power inductor series. | | **4020** | Physical Size | Dimensions: approx. 4.0mm x 4.0mm x 2.0mm. | | **F** | Lead-Free | Compliance with RoHS standards. | | **R60** | Inductance Value | **0.60 µH** (Microhenries). | | **M** | Tolerance | **±20%** tolerance on the inductance value. | --- ### 2. Key Technical Specifications While exact parameters can vary slightly by manufacturer (such as Coiltronics/Eaton), the typical characteristics for an R60M inductor in this footprint are: * **Inductance:** 0.60 µH * **DC Resistance (DCR):** Extremely low (typically in the range of 5mΩ to 15mΩ) to minimize power heat loss. * **Saturation Current ($I_{sat}$):** High capacity (typically 8A to 12A range), meaning the inductance won't drop sharply under high load. * **RMS Current ($I_{rms}$):** The steady-state current the part can handle without exceeding temperature limits (typically 7A to 10A). * **Shielding:** Magnetic shielding to reduce Electromagnetic Interference (EMI). --- ### 3. Internal Construction and Materials The "AL" series typically utilizes a **Metal Alloy Powder** core. This offers several advantages over traditional ferrite cores: * **Soft Saturation:** Unlike ferrite, which loses inductance abruptly when over-currented, metal alloy cores lose inductance gradually. * **High Temperature Stability:** Performs consistently across a wide temperature range (often up to 125°C or 155°C). * **Molded Structure:** The wire coil is placed inside a mold and pressed with metal powder, creating a rugged, compact, and shielded unit. --- ### 4. Typical Applications This component is designed for modern, high-density electronics where space is limited but power demands are high: 1. **Voltage Regulator Modules (VRMs):** Found in laptops and graphics cards. 2. **Point of Load (POL) Converters:** Distributing power on complex PCBs. 3. **Portable Electronics:** Smartphones, tablets, and handheld devices. 4. **Distributed Power Systems:** Small-scale DC-DC conversion (Step-down/Buck converters).
    ✨ Follow-up Questions
    • ⤷ What are the direct equivalents from other manufacturers like Coilcraft or TDK?
    • ⤷ How does 'soft saturation' improve the safety of a power circuit?
    • ⤷ What is the specific soldering footprint required for a 4020 package?