전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • CUM2B-R

  • AI
    The **CUM2B-R** is a specific electronic component, typically identified as a **Surface Mount Device (SMD) Fast Recovery Rectifier Diode**. It is commonly manufactured by companies such as *Comchip Technology*. Below is a detailed breakdown of its electronic characteristics and specifications. --- ## 1. Technical Specifications The CUM2B-R is designed for high-efficiency power rectification. The "B" in the part number often signifies the voltage rating, and "R" denotes the packaging (Reel). | Parameter | Value (Typical) | | :--- | :--- | | **Component Type** | Fast Recovery Rectifier | | **Package / Case** | SMB (DO-214AA) | | **Maximum Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 100V | | **Average Forward Current ($I_{F(AV)}$)** | 2.0 Amperes | | **Peak Forward Surge Current ($I_{FSM}$)** | 50 Amperes | | **Maximum Reverse Recovery Time ($t_{rr}$)** | 35ns - 50ns | | **Forward Voltage Drop ($V_F$)** | ~0.95V @ 2.0A | | **Operating Temperature Range** | -55°C to +150°C | --- ## 2. Key Features * **Fast Switching:** The low reverse recovery time ($t_{rr}$) minimizes power loss during high-frequency switching. * **Glass Passivated Chip Junction:** Ensures high reliability and stability under high-temperature conditions. * **Low Profile Package:** The SMB (Surface Mount) design is ideal for automated assembly and space-constrained PCB layouts. * **High Surge Capacity:** Capable of handling momentary spikes in current without component failure. --- ## 3. Pinout and Circuit Symbol The CUM2B-R is a two-terminal polarized device. * **Anode:** The positive terminal. * **Cathode:** The negative terminal, identified by a **printed band** on the body of the SMD package. ```text Anode [ A ] ----|>|---- [ K ] Cathode (Band) ``` --- ## 4. Common Applications Due to its fast switching speeds and 2A current rating, the CUM2B-R is found in the following electronic circuits: 1. **Switching Power Supplies (SMPS):** Used for rectification in high-frequency DC-DC converters. 2. **Freewheeling Diodes:** Protects circuits from inductive voltage spikes in motor control or relay drivers. 3. **Inverters:** High-speed rectification in solar or UPS systems. 4. **Reverse Polarity Protection:** Prevents damage if a battery or power source is connected backward.
    ✨ Follow-up Questions
    • ⤷What are the equivalent alternative part numbers for the CUM2B-R?
    • ⤷ How does the reverse recovery time (trr) affect circuit efficiency?
    • ⤷ What is the difference between an SMB and an SMC package for this diode?