전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • CVR1-6H-R/

  • AI
    The **CVR1-6H-R** is a specific model of a **Miniature Surface Mount (SMD) Chip Variable Resistor**, commonly referred to as a **Trimmer Potentiometer**. These components are used to manually adjust resistance within a circuit to tune performance or calibrate settings. --- ## 1. Technical Specifications The part number follows a specific nomenclature that defines its physical and electrical characteristics: | Parameter | Specification | | :--- | :--- | | **Component Type** | SMD Trimmer Potentiometer | | **Size/Footprint** | 3mm (Open Frame) | | **Adjustment Direction** | Top Adjustment | | **Resistance Tolerance** | ±25% (Standard) | | **Power Rating** | 0.1 Watts (at 70°C) | | **Max Operating Voltage** | 50V DC | | **Rotation Angle** | 240° ± 20° | --- ## 2. Key Features * **Carbon Film Element:** Uses a carbon-based resistive element for cost-effective performance. * **Open Frame Design:** To minimize size and weight, the internal resistive track is exposed rather than sealed in a plastic housing. * **Reflow Solder Compatible:** Designed to withstand the high temperatures of automated PCB assembly lines. * **Hexagonal Hole:** The "6H" in the part number often refers to the **hexagonal** shape of the adjustment rotor, allowing for cross-slot or hex-head screwdriver adjustment. --- ## 3. Internal Construction The device consists of three primary electronic layers: 1. **Substrate:** A ceramic or heat-resistant resin base. 2. **Resistive Track:** A horseshoe-shaped path of carbon film. 3. **Wiper:** A metal contact that moves along the track. As the wiper moves from one end to the other, the resistance between the center terminal and the outer terminals changes. --- ## 4. Common Applications Because these are "variable" but intended for occasional adjustment (calibration) rather than constant user interaction (like a volume knob), they are found in: * **LCD Contrast Adjustment:** Tuning the clarity of small screens. * **Sensor Calibration:** Setting the threshold for light or motion sensors. * **Power Supplies:** Fine-tuning the output voltage of a DC-DC converter. * **Communication Equipment:** Adjusting signal gain or frequency offsets. --- ## 5. Footprint Diagram (Conceptual) ```text [ Terminal 1 ] | | +-----+--+-----+ | ( ) | <-- Adjustment Rotor (Hex/Cross) +-----+--+-----+ | | [Terminal 2] [Terminal 3] (Wiper) ```
    ✨ Follow-up Questions
    • ⤷ What is the standard resistance value range for the CVR1 series?
    • ⤷ How does the 'Open Frame' design impact its environmental durability?
    • ⤷ What are the recommended soldering profiles for SMD trimmers like this?