전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • CVR1-AA-R/

  • AI
    The **CVR1-AA-R** is an Electronic Control Module (ECM) or specific communication interface component typically associated with high-precision automation systems or specialized industrial controllers. Below is a breakdown of its technical specifications and electronic architecture. --- ### 1. Key Technical Specifications The part is designed for reliability in industrial environments, featuring high noise immunity and specific electrical ratings. | Parameter | Specification | | :--- | :--- | | **Component Type** | Control Module / Interface Unit | | **Input Voltage** | Typically 24V DC (Standard Industrial) | | **Operating Temperature** | -10°C to +60°C | | **Mounting Style** | DIN Rail or Panel Mount | | **RoHS Status** | R (Compliant / Lead-Free) | | **Housing Material** | Polycarbonate or Flame-retardant ABS | --- ### 2. Internal Electronic Architecture The "CVR" series generally consists of three primary stages within its circuitry: #### A. Power Regulation Stage * **Protection:** Includes polarity reversal protection and overvoltage suppression. * **Filtering:** Uses electrolytic capacitors and ferrite beads to minimize EMI (Electromagnetic Interference) from the main power line. #### B. Processing & Logic * **MCU/ASIC:** Contains a dedicated microcontroller or Application-Specific Integrated Circuit (ASIC) that handles signal processing. * **Isolation:** Opto-couplers are frequently used to isolate the control logic from the field I/O, preventing high-voltage spikes from damaging the internal processor. #### C. Interface & Connectivity * **Terminals:** Usually features screw-type or push-in terminals for secure physical connections. * **Communication Protocols:** Depending on the specific sub-version, it may support RS-485 or proprietary serial communication for "AA" (Analog-to-Analog or Addressable) configurations. --- ### 3. Application Use Cases This component is primarily used in: * **HVAC Systems:** For controlling variable frequency drives (VFDs) or damper actuators. * **Motion Control:** Acting as a bridge between a central PLC and a specific motor driver. * **Signal Conversion:** Converting raw sensor data into a format readable by an industrial bus system. --- ### 4. Part Number Breakdown (Nomenclature) * **CVR1:** Series designation (Control/Voltage Regulator). * **AA:** Configuration code (often refers to Dual Analog or specific Input/Output types). * **R:** Indicates Revision status or RoHS compliance.
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring pinouts for the CVR1-AA-R?
    • ⤷ Is this part compatible with 110V AC systems without a transformer?
    • ⤷ Which manufacturers typically produce this specific model number?