전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • CVR1-AC-R/CE

  • AI
    The **CVR1-AC-R/CE** is a specialized electronic component, typically identified as a **Current Voltage Relay** (or similar monitoring relay) designed for industrial automation and protection circuits. Below is a detailed breakdown of its electronic characteristics and functional parts. --- ### 1. Technical Specifications The device is designed to monitor electrical parameters and provide a switched output when those parameters exceed or fall below set limits. | Feature | Description | | :--- | :--- | | **Model Type** | CVR (Current/Voltage Monitoring Relay) | | **Supply Voltage** | AC Supply (indicated by "AC" in model code) | | **Output Type** | Relay (indicated by "R") | | **Compliance** | CE (European Conformity) certified | | **Mounting** | Typically DIN Rail (35mm) | --- ### 2. Key Electronic Components The internal architecture of this device generally consists of four primary stages: #### A. Sensing/Input Circuit This part interfaces directly with the line voltage or current being monitored. It uses: * **Step-down Transformer/Resistor Network:** To lower high voltage/current to a level safe for internal electronics. * **Rectifier & Filter:** Converts AC input signals into DC for the comparator logic. #### B. Control Logic (The "Brain") Modern versions use a dedicated **Microcontroller (MCU)** or an **Op-Amp Comparator**. * **Potentiometers:** External dials allow the user to set "Trip Points" (e.g., Over-voltage or Under-voltage thresholds). * **Time Delay Circuit:** Prevents "nuisance tripping" caused by momentary power spikes. #### C. Switching Output (The Relay) The "R" in the model name refers to the **Electromagnetic Relay**: * **Coil:** Energized by the control logic. * **Contacts:** Usually SPDT (Single Pole Double Throw) rated for 5A to 10A, used to trigger alarms or disconnect contactors. #### D. Visual Interface * **LED Indicators:** Most units feature high-visibility LEDs to indicate Power (Green), Fault (Red), and Relay Status (Yellow). --- ### 3. Functional Operation The CVR1-AC-R/CE operates on a "Window Monitoring" or "Threshold" logic: 1. **Sampling:** The device continuously measures the AC input. 2. **Comparison:** It compares the real-time value against the user-defined settings on the front panel dials. 3. **Action:** * **Normal State:** Relay remains in a steady state (often energized/closed). * **Fault State:** If the voltage/current goes out of bounds, the relay de-energizes (opens), breaking the circuit for protection. --- ### 4. Wiring Diagram Overview Typically, the terminal blocks are labeled as follows: * **A1 / A2:** Auxiliary Power Supply (Input AC). * **L1 / L2 / L3 (or Sensing pins):** The lines being monitored. * **11 (Common), 12 (NC), 14 (NO):** The output relay contact terminals.
    ✨ Follow-up Questions
    • ⤷ What are the specific trip threshold ranges for the CVR1-AC-R/CE?
    • ⤷ How do you wire this relay to a motor contactor for protection?
    • ⤷ What is the difference between the AC and DC versions of this relay series?