전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • CVR1-CG-R/CE

  • AI
    The **CVR1-CG-R/CE** is a specialized electronic component, typically categorized as a **Chip Varistor** (also known as a Voltage Dependent Resistor or VDR). These parts are crucial for protecting sensitive electronic circuits from high-voltage transients and Electrostatic Discharge (ESD). ### 1. Technical Specifications Below is a breakdown of the typical characteristics for this series: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Multilayer Chip Varistor (MLV) | | **Package Size** | 0603 (Metric 1608) | | **Working Voltage** | Ranges from 5.5V to 18V DC (model dependent) | | **Clamping Voltage** | High-speed response to suppress spikes | | **Capacitance** | Low capacitance options available for high-speed data lines | | **Operating Temp** | -40°C to +125°C | | **Compliance** | RoHS Compliant, CE Marked | --- ### 2. Functional Description The primary role of the CVR1-CG-R/CE is **Surge Suppression**. * **Normal Operation:** At standard operating voltages, the device maintains high resistance and acts as an open circuit, allowing signals to pass through unaffected. * **Transient Event:** When a voltage spike (like ESD) occurs, the resistance of the varistor drops instantly, shunting the excess energy to the ground. * **Recovery:** Once the surge passes, the component automatically returns to its high-resistance state. --- ### 3. Key Features and Suffix Meanings The part number strings carry specific internal meanings: * **CVR:** Chip Varistor Series. * **CG:** Often indicates "General" or "Communication" grade, optimized for data line protection. * **-R:** Generally signifies **Tape & Reel** packaging for automated SMT (Surface Mount Technology) assembly. * **CE:** Indicates compliance with European safety and environmental standards (Conformité Européenne). --- ### 4. Application Areas These parts are commonly found in the following electronic environments: 1. **Consumer Electronics:** Smartphones, tablets, and laptops to protect USB and HDMI ports. 2. **Industrial Controls:** Protecting I/O lines from electromagnetic interference (EMI). 3. **Automotive Electronics:** Sensors and infotainment systems where voltage stability is critical. 4. **Communication Gear:** Network switches and routers to prevent damage from static discharge during cable insertion. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific clamping voltage limits for the CVR1-CG-R/CE?
    • ⤷ How does this chip varistor compare to a TVS diode in circuit protection?
    • ⤷ What is the maximum peak current this component can handle?