전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • CVR1-GD-R

  • AI
    The **CVR1-GD-R** is a specific electronic component, typically categorized as a **Chip Varistor** or a **Voltage Dependent Resistor (VDR)**. These components are primarily used for circuit protection against transient voltage surges (such as ESD or lightning strikes). Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ### 1. Component Overview The "CVR" series generally refers to **Ceramic Varistors** designed for surface-mount applications. They act as a high-impedance path under normal operating voltages but quickly switch to a low-impedance state when a voltage spike occurs, diverting excess current to ground. ### 2. Technical Specifications While specific parameters can vary slightly by manufacturer (commonly sourced from brands like *Ceramate* or *Thinking Electronics*), the "GD-R" suffix typically denotes specific tolerance and RoHS compliance. | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Multilayer Chip Varistor (MLV) | | **Varistor Voltage** | Typically 8V to 12V (depending on series) | | **Maximum AC Voltage** | ~4V - 6V RMS | | **Maximum DC Voltage** | ~5.5V - 9V | | **Clamping Voltage** | The voltage at which the device limits the surge | | **Peak Current** | 10A - 30A (8/20μs pulse) | | **Operating Temp** | -40°C to +85°C or +125°C | | **Packaging** | Tape & Reel (R) | ### 3. Key Electronic Functions * **ESD Protection:** Designed to protect sensitive ICs from Electrostatic Discharge (IEC 61000-4-2). * **Bidirectional Characteristics:** It provides protection in both positive and negative directions, making it suitable for AC and DC lines. * **Low Capacitance:** Often engineered to have low parasitic capacitance to prevent signal distortion in high-speed data lines. * **Fast Response Time:** Switches to a conducting state in less than 1 nanosecond. ### 4. Circuit Application In a schematic, the CVR1-GD-R is placed in **parallel** with the component it is protecting. ``` [Power/Signal Line] -----------+----------- [Sensitive IC/Load] | [CVR1-GD-R] | [Ground/Return] ---------------+----------- [Ground] ``` ### 5. Identification Code Breakdown * **CVR:** Chip Varistor. * **1:** Often denotes the physical size (e.g., 0603 or 0402 inch scale). * **GD:** Series code relating to energy handling or voltage range. * **R:** Packaging suffix (usually stands for **Reel**). ---
    ✨ Follow-up Questions
    • ⤷ What is the specific package size (e.g.
    • ⤷ 0402 or 0603) for the CVR1 series?
    • ⤷ How does a chip varistor compare to a TVS diode in terms of performance?
    • ⤷ What is the maximum energy dissipation (Joules) for the CVR1-GD-R?