전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • CVR1-GJ-R

  • AI
    The **CVR1-GJ-R** is a specific electronic component, typically categorized as a **Chip Varistor**. These components are essential for circuit protection against Transient Voltage Surges (TVS). --- ### 1. Component Overview The CVR1-GJ-R is a Surface Mount Device (SMD) designed to protect sensitive electronics from high-voltage spikes, such as Electrostatic Discharge (ESD) or inductive switching. | Feature | Specification | | :--- | :--- | | **Component Type** | Multilayer Chip Varistor (MLV) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Package Size** | Typically 0402 or 0603 (Inches) | | **Function** | Overvoltage Protection / Surge Suppression | | **Material** | Zinc Oxide (ZnO) based ceramic | ### 2. Key Technical Characteristics * **Voltage Sensitivity:** The device maintains high resistance during normal operating voltages but switches to low resistance when a threshold (Varistor Voltage) is exceeded. * **Bi-directional Protection:** It provides protection for both positive and negative voltage transients. * **Clamping Voltage:** This is the maximum voltage the device will allow across the circuit during a surge event. * **Capacitance:** Usually low to ensure signal integrity in high-speed data lines. ### 3. Applications The CVR1-GJ-R is commonly found in the following environments: 1. **Consumer Electronics:** Smartphones, tablets, and laptops. 2. **Communication Ports:** Protection for USB, HDMI, and Ethernet lines. 3. **Industrial Controls:** Protecting I/O pins of microcontrollers from noise. ### 4. How it Works When a voltage spike occurs, the Varistor's internal resistance drops drastically, shunting the excess current to the ground and protecting the downstream integrated circuits (ICs). ```markdown Normal State: High Impedance -> No Current Flow through Varistor Surge State: Low Impedance -> Excess Energy Dissipated as Heat ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the exact clamping voltage for the CVR1-GJ-R?
    • ⤷ Can this part be used for high-speed data line protection?
    • ⤷ What are the recommended soldering profiles for this SMD component?