전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • CW201212-R56J

  • AI
    The **CW201212-R56J** is a high-frequency wire-wound chip inductor commonly used in RF (Radio Frequency) and communication circuits. It is manufactured by companies like Bourns. Below is a detailed breakdown of its electronic specifications and characteristics. --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify the physical and electrical properties: | Segment | Meaning | Value / Description | | :--- | :--- | :--- | | **CW** | Series | Ceramic Wire-wound Inductor | | **201212** | Size (Metric) | 2.0 x 1.2 x 1.2 mm (EIA 0805 Case Size) | | **R56** | Inductance | 0.56 µH (560 nH) | | **J** | Tolerance | ±5% | --- ### 2. Key Electrical Specifications These parameters define how the component performs under load and at various frequencies: * **Inductance:** 560 nH (measured at a specific test frequency, usually 25 MHz). * **Tolerance:** ±5% (standard for precision RF tuning). * **Quality Factor (Q):** High Q (typically >25-30). A high Q factor indicates low energy loss, which is critical for filter sharpness. * **Self-Resonant Frequency (SRF):** Approximately 600 MHz - 900 MHz. Above this frequency, the part acts like a capacitor rather than an inductor. * **DCR (DC Resistance):** Usually around 1.3 to 1.5 Ohms maximum. This indicates the resistance of the internal copper wire. * **Rated Current:** Typically 300 mA to 400 mA. Exceeding this may cause overheating or saturation. --- ### 3. Construction and Features The "CW" series utilizes a **ceramic core** rather than a ferrite core. * **Ceramic Core:** Provides excellent thermal stability and a very high SRF, making it ideal for high-frequency applications where ferrite would become lossy. * **Wire-Wound Design:** Uses a copper wire wrapped around the ceramic body. This provides much higher Q-factors and lower DCR compared to "multilayer" chip inductors. * **SMD Packaging:** The 0805 footprint (2012 metric) is small enough for modern PCB designs while remaining easy to handle during automated assembly. --- ### 4. Typical Applications The CW201212-R56J is typically found in the following circuits: 1. **RF Impedance Matching:** Used in the front-end of WiFi, Bluetooth, or cellular modules to match antenna impedance. 2. **LC Filters:** Part of Low Pass, High Pass, or Band Pass filters for signal cleaning. 3. **Oscillators:** Used in VCO (Voltage Controlled Oscillator) circuits for frequency stability. 4. **Decoupling:** Filtering high-frequency noise in power lines for sensitive RF ICs. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a ceramic core and a ferrite core inductor?
    • ⤷ How does the Self-Resonant Frequency (SRF) affect circuit design?
    • ⤷ Can I substitute an 0805 multilayer inductor for this wire-wound version?