전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • CW2012A-R27_

  • AI
    ## Technical Overview: CW2012A-R27J The **CW2012A-R27J** is a high-frequency, wire-wound chip inductor commonly used in RF (Radio Frequency) circuits. The part numbering typically follows a standard convention used by manufacturers like Coilmaster or Bourns to denote size, material, and electrical characteristics. --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify the physical and electrical constraints of the component: | Segment | Meaning | Specification | | :--- | :--- | :--- | | **CW** | Series Type | Ceramic Wire-wound Inductor | | **2012** | Case Size | 2.0mm x 1.25mm (EIA 0805) | | **A** | Material/Process | Standard Alumina Ceramic Core | | **R27** | Inductance Value | 0.27 µH (270 nH) | | **J** | Tolerance | ±5% | --- ### 2. Key Electrical Specifications While specific values can vary slightly by manufacturer, the standard parameters for an 0805 270nH wire-wound inductor are: * **Inductance:** 270 nH (measured at a specific frequency, usually 100-250 MHz). * **Quality Factor (Q):** Typically high (Min 40-60). This indicates low energy loss. * **SRF (Self-Resonant Frequency):** Usually around 900 MHz to 1.2 GHz. The inductor must be operated well below this frequency. * **DCR (DC Resistance):** Low resistance (approx. 0.50 - 0.90 Ω) to prevent heat buildup and voltage drop. * **Rated Current:** Maximum current capacity, typically between 300mA and 600mA. --- ### 3. Construction and Features The "CW" series is distinct due to its construction method: * **Wire-Wound Technology:** Copper wire is wound around a ceramic core. This provides significantly higher **Q factors** and higher current handling compared to multilayer chips. * **Ceramic Core:** Provides excellent thermal stability and high SRF, making it ideal for high-frequency applications. * **Encapsulation:** Often coated with a clear epoxy or resin to protect the fine wire and provide a flat surface for pick-and-place machines. --- ### 4. Common Applications Due to its high precision and low loss at high frequencies, the CW2012A-R27J is used in: 1. **RF Matching:** Tuning circuits for antennas in Wi-Fi or Bluetooth modules. 2. **Filter Circuits:** Low-pass or band-pass filters in telecommunications. 3. **Oscillators:** Frequency stabilization in RF transceivers. 4. **Mobile Devices:** Power decoupling in high-speed signal lines. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between a ceramic core and a ferrite core inductor?
    • ⤷ How does the 'Q factor' affect the performance of this inductor in an RF circuit?
    • ⤷ Can I replace an 0805 wire-wound inductor with a multilayer version of the same value?