전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • CY22381SI-RBI

  • AI
    The **CY22381SI-RBI** is a high-performance, programmable clock generator manufactured by Cypress Semiconductor (now part of Infineon Technologies). It is part of the CY22381 family, designed for cost-effective system clocking in various electronic applications. --- ## 1. Core Specifications and Overview | Feature | Specification | | :--- | :--- | | **Manufacturer** | Infineon (formerly Cypress) | | **Function** | Programmable Clock Generator | | **Output Frequency Range** | Up to 200 MHz | | **Operating Voltage** | 3.3V (Typical) | | **Package Type** | 8-pin SOIC (Small Outline Integrated Circuit) | | **Temperature Range** | Industrial (-40°C to +85°C) | | **Number of PLLs** | 3 Phase-Locked Loops (PLLs) | --- ## 2. Technical Features The device is highly versatile due to its internal architecture, which includes: ### A. Programmable PLLs The chip contains three independent PLLs. This allows the device to generate multiple unique frequencies from a single input source (typically a crystal or an external reference clock). ### B. I2C Configuration The "SI" in the part number often implies the Serial Interface capability. The device can be programmed via an **I2C interface**, allowing engineers to change frequency settings on-the-fly during system operation. ### C. Output Flexibility * **Configurable Drive Strength:** Helps in managing Electromagnetic Interference (EMI) by controlling the rise and fall times of the clock signal. * **Multiple Outputs:** Despite its small 8-pin footprint, it can drive multiple clock loads. --- ## 3. Pinout Description (Typical) | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | VDD | Power Supply (3.3V) | | 2 | XIN / CLKIN | Crystal Input or External Reference Clock | | 3 | XOUT | Crystal Output (Leave floating if using external clock) | | 4 | VSS | Ground | | 5-7 | CLK(A/B/C) | Configurable Clock Outputs | | 8 | SCLK / SDAT | I2C Serial Clock / Data for programming | --- ## 4. Common Applications This part is commonly used in hardware where multiple clock frequencies are required but space is limited: * **Networking Equipment:** Routers, switches, and modems. * **Consumer Electronics:** Digital cameras, set-top boxes, and printers. * **Industrial Control:** Embedded systems requiring synchronized timing across different modules. ---
    ✨ Follow-up Questions
    • ⤷ What are the primary differences between the CY22381 and the CY22391 models?
    • ⤷ How do I calculate the register values for a specific output frequency?
    • ⤷ Is this part still in active production or has it been marked EOL (End of Life)?