전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • CY22381SI-RGLT

  • AI
    ### Overview of the CY22381SI-RGLT The **CY22381SI-RGLT** is a high-performance, programmable clock generator manufactured by **Cypress Semiconductor** (now part of **Infineon Technologies**). It belongs to the Flash-programmable family of clock synthesizers, designed to replace multiple crystals and oscillators in complex electronic systems. --- ### Key Specifications and Technical Features | Parameter | Specification | | :--- | :--- | | **Part Family** | CY22381 | | **Package Type** | TSSOP-8 (Thin Shrink Small Outline Package) | | **Output Frequency Range** | 1 MHz to 200 MHz | | **Operating Voltage** | 3.3V (Typical) | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | | **Programming Interface** | $I^2C$ Programmable | | **Number of PLLs** | 3 Internal Phase-Locked Loops | | **Number of Outputs** | 3 Programmable Outputs | --- ### Detailed Component Analysis #### 1. Internal Architecture The device utilizes three independent Phase-Locked Loops (PLLs). This allows the chip to take a single reference frequency (usually from a crystal) and multiply or divide it to create three distinct, non-related output frequencies simultaneously. #### 2. Programmability One of the core strengths of the "RGLT" variant is its **Non-Volatile Flash memory**. * **Customization:** Users can program the multiplier and divider settings to achieve specific frequencies. * **In-System Programmability:** It can be reconfigured via an $I^2C$ interface, allowing for "on-the-fly" frequency adjustments during system operation. #### 3. Jitter Performance The CY22381 is engineered for low-phase noise and low-period jitter. This is critical for high-speed data communication and sensitive digital processing units where timing accuracy is paramount. #### 4. Power Management The "SI" designation often refers to the **Industrial** temperature grade and standard power profile. It includes power-down modes to conserve energy in battery-operated or thermal-sensitive applications. --- ### Typical Applications * **Networking Equipment:** Routers, switches, and modems requiring multiple clock domains. * **Consumer Electronics:** Set-top boxes, digital cameras, and high-end audio interfaces. * **Industrial Automation:** PLCs and sensors requiring synchronized timing. * **Computing:** Motherboards and peripheral cards. --- ### Pin Configuration (8-Pin TSSOP) ```text Pin 1: VDD - Power Supply (3.3V) Pin 2: Xtal_In - Crystal Input or External Reference Pin 3: Xtal_Out - Crystal Output Pin 4: VSS - Ground Pin 5: CLK1 - Programmable Output 1 Pin 6: CLK2 - Programmable Output 2 Pin 7: CLK3 - Programmable Output 3 Pin 8: SCLK/SDAT- Serial Interface (Programming) ```
    ✨ Follow-up Questions
    • How does the I2C programming interface differ from the factory-programmed versions of this chip?
    • What are the specific jitter measurements for the CY22381 at 100MHz?
    • Can this part be used with a 2.5V power supply or is it strictly 3.3V?