전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • D2-0-R

  • AI
    The term **D2-0-R** typically refers to a specific configuration of a **D-Subminiature (D-Sub)** connector, or it may be a specific manufacturer part number for a resistor or diode depending on the catalog. However, in the vast majority of electronic hardware contexts, this nomenclature refers to a **2-position high-current or signal connector** with a specific orientation. Below is a breakdown of the typical electronic properties and specifications associated with components carrying this designation. --- ### 1. General Specifications If "D2-0-R" refers to a standard electronic connector (often seen in power or RF applications): | Feature | Description | | :--- | :--- | | **Component Type** | Connector / Terminal Block / D-Sub | | **Positions** | 2 Pins | | **Mounting Type** | Right Angle (R) or Through-Hole | | **Contact Material** | Copper Alloy (often Gold or Tin plated) | | **Insulation** | Thermoplastic (UL 94V-0 rated) | --- ### 2. Functional Characteristics Electronic parts with the "R" suffix often denote a specific physical orientation or compliance standard: * **Orientation (R):** Usually stands for **Right-Angle**. This is crucial for PCB (Printed Circuit Board) design where the connector needs to sit parallel to the board to save vertical space. * **RoHS Compliance:** In many modern catalogs, the "R" at the end of a part number signifies **RoHS Compliant**, meaning the part is free from lead and other hazardous substances. * **Zero-Ohm (0):** If this refers to a resistor (e.g., SMD 0805 D2-0-R), it represents a **Zero-Ohm Link**, used as a jumper to bridge traces on a PCB. --- ### 3. Usage in Circuitry Depending on whether the part is a connector or a passive component, its role varies: #### A. As a Connector * **Power Delivery:** Used to provide a 2-pin interface for DC power input. * **Signal Interface:** Used for simple sensor data transmission (e.g., a thermistor connection). #### B. As a Passive Component (Resistor/Jumper) * **Configuration:** Allows manufacturers to use the same PCB for different product versions by "closing" or "opening" circuits with 0-ohm links. * **Current Path:** Acts as a wire that can be placed by automated SMT (Surface Mount Technology) machines. --- ### 4. Technical Drawing Concept ```text [ PCB Surface ] | |____ [ Pin 1 ] |____ [ Pin 2 ] | (Right Angle Body) ```
    ✨ Follow-up Questions
    • ⤷ Are you referring to a specific manufacturer like TE Connectivity or Amphenol for this part?
    • ⤷ Do you need the footprint dimensions for a PCB layout?
    • ⤷ Is this part being used for power supply or signal processing?