전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • D3Y-R

  • AI
    The **D3Y-R** is a specific model of a **Miniature Basic Switch** (often referred to as a microswitch) manufactured by **Omron**. It is designed for high reliability in small-form factors, commonly used in automotive and industrial applications. --- ### 1. Key Technical Specifications The D3Y-R belongs to a category of ultra-subminiature switches. Below are the primary electronic and physical characteristics: | Property | Description | | :--- | :--- | | **Switch Type** | Snap Action / Limit Switch | | **Actuator Style** | Pin Plunger (Standard) | | **Contact Form** | SPST-NO (Single Pole Single Throw - Normally Open) | | **Current Rating** | Typically 0.1A to 3A (Model dependent) | | **Voltage Rating** | 30VDC / 125VAC | | **Operating Force** | Low Force (High Sensitivity) | | **Termination Style** | PCB Terminals (Right-angled or Straight) | --- ### 2. Internal Electronic Components The "Electronic" functionality of the D3Y-R relies on a mechanical snap-action mechanism that ensures rapid state changes regardless of the speed of the physical actuator. * **Contact Material:** Usually gold-alloy or silver-nickel. Gold-plated versions are used for "dry circuits" (very low current) to prevent oxidation. * **The Spring Mechanism:** A beryllium copper or stainless steel spring that provides the "snap" feeling and ensures the electrical circuit is completed with minimal arcing. * **Housing:** High-grade thermoplastic (PBT or PET) which provides electrical insulation and heat resistance. --- ### 3. Deciphering the Model Suffixes In the Omron D3Y series, the specific letters indicate the orientation and configuration: * **D3Y:** The base series identifier (Ultra-subminiature). * **-R:** Generally indicates **Right-hand side PCB terminals**. This means when the switch is viewed from the actuator side, the pins bend toward the right for horizontal mounting on a circuit board. --- ### 4. Common Applications Due to its small footprint and precise actuation, the D3Y-R is found in: 1. **Automotive Electronics:** Detecting door latches or seatbelt positions. 2. **Computer Peripherals:** Specialized mouse buttons or trackball selectors. 3. **Medical Devices:** Fluid level detection or panel interlocking. 4. **Smart Home:** Detecting the open/closed status of security locks.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the D3Y-R and D3Y-L models?
    • ⤷ How do I calculate the lifespan of a D3Y-R switch under a 1A load?
    • ⤷ Can the D3Y-R be used in high-temperature environments above 85°C?