전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • D429-R1ML-G2

  • AI
    The **D429-R1ML-G2** is a high-performance, industrial-grade microswitch (specifically a snap-action switch) manufactured by **ZF Electronics** (formerly Cherry). It is widely used in automotive, industrial control, and white goods applications due to its reliability and specific contact configuration. --- ## 1. Technical Specifications Below is a breakdown of the electronic and mechanical characteristics of this specific model: | Characteristic | Specification | | :--- | :--- | | **Switch Type** | Snap Action / Microswitch | | **Circuitry** | SPDT (Single Pole Double Throw) | | **Current Rating** | 10A at 250VAC | | **Actuator Type** | Simulated Roller Lever | | **Termination Style** | Quick Connect (4.8 x 0.5 mm) | | **Operating Force** | ~45cN (approx. 45 grams) | | **Contact Material** | Silver Alloy (AgNi) | | **Housing Material** | Polyester (PET) | --- ## 2. Component Analysis ### A. Contact Configuration (SPDT) The D429-R1ML-G2 features three terminals: 1. **COM (Common):** The input terminal. 2. **NC (Normally Closed):** Connected to COM when the lever is at rest. 3. **NO (Normally Open):** Connects to COM only when the lever is depressed. ### B. The "R1ML" Designation * **R1:** Refers to the specific **Simulated Roller Lever**. Unlike a standard flat lever, the "Simulated Roller" has a curved end that mimics a wheel, reducing friction when the switch is triggered by a sliding or rotating cam. * **ML:** Indicates the internal mechanical light-force rating, making it suitable for applications where low actuation pressure is required. ### C. Environmental & Safety Ratings * **Flammability:** The housing is typically rated **UL 94 V-0**, meaning it is self-extinguishing. * **Temperature Range:** Rated for operation between **-40°C and +85°C** (standard) or up to +125°C depending on the specific batch certification. --- ## 3. Typical Applications Because of its high current capacity (10A) and low operating force, this part is commonly found in: * **Vending Machines:** Detecting the position of motors or product dispensers. * **HVAC Systems:** Used as air pressure or limit switches. * **Automotive:** Door latch mechanisms and seat adjustment limits. * **Industrial Automation:** End-of-travel detection for conveyor belts. --- ## 4. Connection Diagram (Basic) ```text [External Power] | ______|______ | (COM) | | | | / (NC)----|--> [Default Path: e.g., Indicator Light] | / | | o (NO)----|--> [Activated Path: e.g., Motor Start] |_____________| ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between the D429 and the D45 series switches?
    • ⤷ Can this switch be used in DC applications
    • ⤷ and what are its ratings?
    • ⤷ What are the recommended mounting hole dimensions for the G2 housing style?