전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • D4D0112S-R60F

  • AI
    ## Technical Overview of D4D0112S-R60F The **D4D0112S-R60F** is a precision mechanical component, specifically a **Rotary Switch** manufactured by Electroswitch (often part of their D4 Series). These switches are designed for high reliability in industrial and military-grade applications. --- ### Key Specifications | Feature | Specification | |:---|:---| | **Switch Type** | Rotary | | **Number of Positions** | 12 Positions | | **Number of Poles** | 1 Pole | | **Contact Timing** | Shorting (Make-Before-Break) | | **Mounting Type** | Panel Mount | | **Termination Style** | Solder Lug | | **Index Angle** | 30° | --- ### Internal Electronic Components and Materials The performance of the D4D0112S-R60F is defined by its internal materials and construction: 1. **Contacts:** Typically feature **Silver or Gold plating** over brass or copper. Silver provides excellent conductivity for power, while gold plating is used to prevent oxidation in low-signal (dry circuit) applications. 2. **Dielectric Insulation:** The wafers are usually made of **Diallyl Phthalate (DAP)** or ceramic. These materials provide high insulation resistance and can withstand significant voltage without arcing. 3. **Shorting Mechanism (R60F Variant):** * The "Shorting" configuration means that as you turn the knob, the moving contact touches the next position *before* it leaves the current one. * **Purpose:** This prevents "electrical noise" or spikes that occur during an open-circuit transition, making it ideal for audio equipment or sensitive signal routing. --- ### Application Use Cases Due to its robust construction, this part is commonly found in: * **Test & Measurement:** Oscilloscopes and multimeters for range selection. * **Audio Engineering:** Channel switching or gain stage adjustments. * **Industrial Controls:** Manual mode selection for heavy machinery. * **Avionics:** Cockpit instrumentation where mechanical feedback is required. --- ### Connection Diagram Concept While a full schematic depends on your specific circuit, the logical layout is as follows: ```text [Common Terminal] | ________|________ / 1 2 3 4 \ | 12 5 | <-- 12 Discrete Positions | 11 6 | (30 degree spacing) \ 10 9 8 7 / ----------------- ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between shorting and non-shorting contacts in this model?
    • ⤷ What is the maximum current and voltage rating for the D4 series?
    • ⤷ How do I wire this switch for a multi-step voltage divider?