전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

  • D8PS50

  • AI
    The **D8PS50** is a specialized high-speed Schottky Barrier Diode (SBD) typically utilized in power management and rectification circuits. Below is a breakdown of its technical specifications, features, and common applications. ### 1. Technical Specifications The D8PS50 is designed for efficiency and high current handling. Its alphanumeric code generally corresponds to its current and voltage ratings. | Parameter | Typical Value | Description | | :--- | :--- | :--- | | **Type** | Schottky Barrier Diode | High-speed switching diode | | **Max. Average Forward Current ($I_F$)** | 8 Amperes | The maximum continuous current it can handle | | **Max. Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 50 Volts | Maximum voltage it can block in reverse | | **Forward Voltage Drop ($V_F$)** | ~0.55V - 0.60V | Low voltage loss during conduction | | **Operating Temperature ($T_j$)** | -55 to +150°C | Robust for industrial environments | --- ### 2. Key Features * **Low Forward Voltage:** Because it is a Schottky diode, it has a much lower forward voltage drop compared to standard silicon diodes (~0.7V-1.1V). This results in lower power dissipation and higher efficiency. * **High-Speed Switching:** It has a very small reverse recovery time ($t_{rr}$), making it ideal for high-frequency switching power supplies. * **Thermal Stability:** Usually packaged in TO-220 or similar power packages, allowing for easy heat sink attachment to manage thermal loads at 8A. --- ### 3. Circuit Applications The D8PS50 is commonly found in the following electronic assemblies: 1. **Switching Mode Power Supplies (SMPS):** Used as an output rectifier to convert high-frequency AC back to DC. 2. **DC-DC Converters:** Acts as a "freewheeling diode" to protect switches from inductive voltage spikes. 3. **Solar Panels:** Used as a blocking diode to prevent battery discharge back into the panels at night. 4. **Reverse Polarity Protection:** Protects sensitive DC circuits if the power supply is connected backward. --- ### 4. Comparison: Schottky vs. Standard Diode | Feature | Schottky (D8PS50) | Standard Rectifier (e.g., 1N4007) | | :--- | :--- | :--- | | **Switching Speed** | Ultra-Fast | Slow | | **Voltage Drop** | Low (High Efficiency) | High (Lower Efficiency) | | **Reverse Leakage** | Relatively High | Very Low |
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative part numbers for the D8PS50?
    • ⤷ How do I calculate the heat sink requirements for an 8A load on this diode?
    • ⤷ Can this diode be used in AC-to-DC bridge rectifiers for mains voltage?